Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8960CGEFL/V Datasheet(PDF) 74 Page - Cirrus Logic

Part # WM8960CGEFL/V
Description  Speaker and Headphone Drivers for Portable Audio Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8960CGEFL/V Datasheet(HTML) 74 Page - Cirrus Logic

Back Button WM8960CGEFL/V Datasheet HTML 70Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 71Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 72Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 73Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 74Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 75Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 76Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 77Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 78Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 94 page
background image
WM8960
74
Rev 4.4
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
1:0
FORMAT[1:0]
10
00 = Right justified
01 = Left justified
10 = I2S Format
11 = DSP Mode
Audio Interface
Control
R8 (08h)
Clocking
(2)
8:6
DCLKDIV[2:0]
111
Class D switching clock divider.
000 = SYSCLK / 1.5 (Not recommended)
001 = SYSCLK / 2
010 = SYSCLK / 3
011 = SYSCLK / 4
100 = SYSCLK / 6
101 = SYSCLK / 8
110 = SYSCLK / 12
111 = SYSCLK / 16
Class D Speaker
Outputs;
Clocking and
Sample Rates
5:4
00
Reserved
3:0
BCLKDIV[3:0]
0000
BCLK Frequency (Master Mode)
0000 = SYSCLK
0001 = SYSCLK / 1.5
0010 = SYSCLK / 2
0011 = SYSCLK / 3
0100 = SYSCLK / 4
0101 = SYSCLK / 5.5
0110 = SYSCLK / 6
0111 = SYSCLK / 8
1000 = SYSCLK / 11
1001 = SYSCLK / 12
1010 = SYSCLK / 16
1011 = SYSCLK / 22
1100 = SYSCLK / 24
1101 to 1111 = SYSCLK / 32
Clocking and
Sample Rates
R9 (09h)
Audio
Interface
8:7
00
Reserved
6
ALRCGPIO
0
ADCLRC/GPIO1 Pin Function Select
0 = ADCLRC frame clock for ADC
1 = GPIO pin
General
Purpose Input /
Output;
Digital Audio
Interface
5
WL8
0
8-Bit Word Length Select (Used with
companding)
0 = Off
1 = Device operates in 8-bit mode.
Audio Interface
Control
4:3
DACCOMP[1:0]
00
DAC companding
00 = off
01 = reserved
10 = µ-law
11 = A-law
Audio Interface
Control
2:1
ADCCOMP[1:0]
00
ADC companding
00 = off
01 = reserved
10 = µ-law
11 = A-law
Audio Interface
Control
0
LOOPBACK
0
Digital Loopback Function
0 = No loopback.
1 = Loopback enabled, ADC data output is fed
directly into DAC data input.
Audio Interface
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com