Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM78P372KSS20 Datasheet(PDF) 16 Page - ELAN Microelectronics Corp

Part # EM78P372KSS20
Description  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 Datasheet(HTML) 16 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 20Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 118 page
background image
EM78P372K
8-bit Microcontroller
8
Product Specification (V1.4) 05.11.2016
(This specification is subject to change without prior notice)
R2 and hardware stacks are 11-bit wide. The structure is depicted in the Data Memory
Configuration (next page).
Generates 2K
13 bits on-chip ROM addresses to the relative programming instruction
codes. One program page is 1024 words long.
The contents of R2 are all set to "0"s when a RESET condition occurs.
"JMP" instruction allows direct loading of the lower 10 program counter bits. Thus,
"JMP" allows PC to jump to any location within a page.
"CALL" instruction loads the lower 10 bits of the PC, and then PC+1 is pushed onto the
stack. Thus, the subroutine entry address can be located anywhere within a page.
"LJMP" instruction allows direct loading of the program counter bits (A0 ~ A10).
Therefore, "LJMP" allows PC to jump to any location within 2K (2
11
)
"LCALL" instruction loads the program counter bits (A0 ~ A10), and then PC+1 is
pushed onto the stack. Thus, the subroutine entry address can be located anywhere
within 2K (2
11
)
"RET" ("RETL k", "RETI") instruction loads the program counter with the contents of
the top of stack.
"ADD R2, A" allows a relative address to be added to the current PC, and the ninth
and above bits of the PC will increase progressively.
"MOV R2, A" allows loading of an address from the "A" register to the lower 8 bits of
the PC, and the ninth and above bits of the PC will remain unchanged.
Any instruction (except “ADD R2, A”) that is written to R2 (e.g., "MOV R2, A", "BC R2,
6",
) will cause the ninth bit and the above bits (A8 ~ A10) of the PC to remain
unchanged.
All instructions are single instruction cycle (fclk/2 or fclk/4) except for the instructions
that are written to R2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com