Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM78P372KSS20 Datasheet(PDF) 75 Page - ELAN Microelectronics Corp

Part # EM78P372KSS20
Description  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 Datasheet(HTML) 75 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 71Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 72Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 73Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 74Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 75Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 76Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 77Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 78Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 79Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 118 page
background image
EM78P372K
8-bit Microcontroller
Product Specification (V1.4) 05.11.2016
 67
(This specification is subject to change without prior notice)
Note
The value in the dead-time register must be less than the value in the duty
cycle register in order to prevent unexpected behavior on both of PWM
outputs.
7.8.2
Increment Timer Counter (TMRX: TMR1 or TMR2)
TMRX are 8-bit clock counters with programmable prescalers. They are designed for
the PWM module as baud rate clock generators. If employed, they can be turned off for
power saving purposes by setting the T1EN bit [BANK1-R8<6>] or T2EN bit
[BANK1-R8<7
>] to “0”.
TMR1 and TMR2 are internal designs and can be read only
7.8.3
PWM Time Period (TMRX: TMR1 or TMR2)
PPWM Time Period (PRDX: PRD1 or PRD2) The PWM time period is defined by
writing to the PRDX register. When TMRX is equal to PRDX, the following events
occur on the next increment cycle:
1) TMR is cleared
2) The PWMX
pin is set to “1”
3) The PWM duty cycle is latched from DT1/DT2 to DL1/DL2
NOTE
The PWM output will not be set, if the duty cycle is “0”.
4) The PWMXIF pin is set to “1”
The following formula describes how to calculate the PWM time period:
value
prescale
TMRX
FOSC
PRDX
Period
1
1
Example:
PRDX=49; Fosc=4 MHz; TMRX (0, 0, 0) = 1:1,
then
5
.
12
1
4
1
1
49
M
Period
µ
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com