Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM78P372KSS20 Datasheet(PDF) 67 Page - ELAN Microelectronics Corp

Part # EM78P372KSS20
Description  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 Datasheet(HTML) 67 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 63Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 64Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 65Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 66Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 67Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 68Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 69Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 70Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 71Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 118 page
background image
EM78P372K
8-bit Microcontroller
Product Specification (V1.4) 05.11.2016
 59
(This specification is subject to change without prior notice)
7.
Write “SLEP” instruction or Polling.
8.
Wait for wake-up or for the ADRUN bit to be cleared
to “0” , interrupt flag (ADIF) is
set “1” or ADC interrupt occurs.
9.
Read the ADDATA or ADDATA1H and ADDATA1L conversion data registers. If the
ADC input channel changes at this time, the ADDATA, ADDATA1H, and
ADDATA1L values can be cleared to ‘0’.
10. Clear the interrupt flag bit (ADIF).
11. For next conversion, go to Step 1 or Step 2 as required. At least two Tct is required
before the next acquisition starts.
NOTE
In order to obtain accurate values, it is necessary to avoid any data transition on I/O
pins during AD conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com