Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM78P372KSS20 Datasheet(PDF) 60 Page - ELAN Microelectronics Corp

Part # EM78P372KSS20
Description  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 Datasheet(HTML) 60 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 56Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 57Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 58Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 59Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 60Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 61Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 62Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 63Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 64Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 118 page
background image
EM78P372K
8-bit Microcontroller
52
Product Specification (V1.4) 05.11.2016
(This specification is subject to change without prior notice)
In EM78P372K, each individual interrupt source has its own interrupt vector as
depicted in the table below.
Interrupt Vector
Interrupt Status
Priority
*
003H
External interrupt
2
006H
Port 5, P70, P71 pin change
3
009H
TCC overflow interrupt
4
00CH
AD conversion complete interrupt
5
00FH
Comparator interrupt
6
012H
PWM1 period match interrupt
7
015H
PWM2 period match interrupt
8
018H
PWM1 duty match interrupt
9
01BH
PWM2 duty match interrupt
10
021H
Low Voltage Detector interrupt
1
Note:
*Priority: 1 = highest ; 11 = lowest priority
7.7
Analog-to-Digital Converter (ADC)
The analog-to-digital circuitry consists of an 8-bit analog multiplexer; three control
registers (AISR/R8, ADCON/R9, and ADOC/RA), three data registers (ADDATA1/RB,
ADDATA1H/RC, and ADDATA1L/RD) and an ADC with 12-bit resolution as shown in
the functional block diagram below. The analog reference voltage (Vref) and the analog
ground are connected via separate input pins. Connecting to an external VREF is more
accurate than connecting to an internal VDD.
The ADC module utilizes successive approximation to convert the unknown analog
signal into a digital value. The result is fed to the ADDATA, ADDATA1H, and
ADDATA1L. Input channels are selected by the analog input multiplexer via the
ADCON register Bits ADIS1 and ADIS0.
ADDATA1H
DATA BUS
Vref
Power-Down
Fsco
Internal RC
4-1
MUX
7 ~ 0
3
4
ADC
( successive approximation )
3
5
6
ADCON
RF
AISR
ADCON
Start to Convert
1
2
ADCON
0
1
2
3
4
5
6
7
8
9
10
11
ADDATA1L
ADC3
ADC2
ADC1
ADC0
ADC7
ADC6
ADC5
ADC4
0
Figure 7-13 Analog-to-Digital Conversion Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com