Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM78P372KSS20 Datasheet(PDF) 30 Page - ELAN Microelectronics Corp

Part # EM78P372KSS20
Description  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 Datasheet(HTML) 30 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 34Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 118 page
background image
EM78P372K
8-bit Microcontroller
22
Product Specification (V1.4) 05.11.2016
(This specification is subject to change without prior notice)
7.1.24 Bank 1 RF (Mode Select and IRC Switch Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
TIMERSC
CPUS
IDLE
SHS1
SHS0
RCM1
RCM0
Bit 7: Not used. Set
“0” all the time.
Bit 6 (TIMERSC): TCC, PWM1, PWM2 clock sources select 0/1
 Fs/Fm*
0 : Fs: Sub-oscillator clock from WDT 16kHz ± 30% or System
hold RC 128kHz ± 30% (determined by Word 2 SFS bit)
1 : Fm: main-oscillator clock
Bit 5 (CPUS):
CPU Oscillator Source Select
0 : Sub-oscillator (Fs)
1 : Main-oscillator (Fm)
When CPUS=0, the CPU oscillator selects the sub-oscillator and
the main oscillator is stopped.
Bit 4 (IDLE):
Idle Mode Enable Bit. From SLEP instruction, this bit will determine
as to which mode to go.
0 : Idle=
“0”+SLEP instruction
 Sleep mode
1 : Idle=
“1”+SLEP instruction
 Idle mode
Bits 3 ~ 2 (SHS1~0): Select AD sample and hold period.
SHS1
SHS0
AD Sample and Hold Period (TAD)
0
0
2
0
1
4
1
0
8
1
1
12 (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com