Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM78P372KSS20 Datasheet(PDF) 86 Page - ELAN Microelectronics Corp

Part # EM78P372KSS20
Description  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 Datasheet(HTML) 86 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 82Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 83Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 84Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 85Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 86Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 87Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 88Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 89Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 90Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 118 page
background image
EM78P372K
8-bit Microcontroller
78
Product Specification (V1.4) 05.11.2016
(This specification is subject to change without prior notice)
7.11.1
External RC Oscillator Mode
For some applications that do not require
precise timing calculation, the RC
oscillator (Figure 7-35) could offer an
effective cost savings. Nevertheless, it
should be noted that the frequency of the
RC oscillator is influenced by the supply
voltage, the values of the resistor (Rext),
the capacitor (Cext), and even by the
operation temperature. Moreover, the
frequency also changes slightly from one
chip to another due to the manufacturing
process variation.
ERCin
Vcc
Rext
Cext
Figure 7-35 External RC Oscillator Mode
Circuit
In order to maintain a stable system frequency, the values of the Cext should be no less
than 20 pF, and the value of Rext should not be greater than 1 M
. If the frequency
cannot be kept within this range, the frequency can be affected easily by noise,
humidity, and leakage.
The smaller the Rext in the RC oscillator is, the faster its frequency will be. On the
contrary, for very low Rext values, for instance, 1 K
, the oscillator will become
unstable because the NMOS cannot correctly discharge the capacitance current.
Based on the above reasons, it must be kept in mind that all supply voltage, the
operation temperature, the components of the RC oscillator, the package types, and
the PCB layout have certain effects on the system frequency.
The RC Oscillator frequencies:
Cext
Rext
Average Fosc 5V, 25
C
Average Fosc 3V, 25
C
20 pF
3.3k
2.064 MHz
1.901 MHz
5.1k
1.403 MHz
1.316 MHz
10k
750.0 kHz
719.0 kHz
100k
81.45 kHz
81.33 kHz
100 pF
3.3k
647.0 kHz
615.0 kHz
5.1k
430.8 kHz
414.3 kHz
10k
225.8 kHz
219.8 kHz
100k
23.88 kHz
23.96 kHz
300 pF
3.3k
256.6 kHz
245.3 kHz
5.1k
169.5 kHz
163.0 kHz
10k
88.53 kHz
86.14 kHz
100k
9.283 kHz
9.255 kHz
Note:
1: Measured based on DIP packages.
2: The values are for design reference only.
3: The frequency drift is 30%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com