Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM78P372KSS20 Datasheet(PDF) 61 Page - ELAN Microelectronics Corp

Part # EM78P372KSS20
Description  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 Datasheet(HTML) 61 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 57Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 58Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 59Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 60Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 61Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 62Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 63Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 64Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 65Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 118 page
background image
EM78P372K
8-bit Microcontroller
Product Specification (V1.4) 05.11.2016
 53
(This specification is subject to change without prior notice)
7.7.1
ADC Control Register (AISR/R8, ADCON/R9, ADOC/RA)
7.7.1.1
R8 (AISR: ADC Input Select Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ADE7
ADE6
ADE5
ADE4
ADE3
ADE2
ADE1
ADE0
The AISR register individually defines the P5, P6 and P7 pins as analog inputs or as
digital I/O.
Bit 7 (ADE7):
AD converter enable bit of P57 pin
0 : Disable ADC7, P57 functions as I/O pin
1 : Enable ADC7 to function as analog input pin
Bit 6 (ADE6):
AD converter enable bit of P55 pin
0 : Disable ADC6, P55 functions as I/O pin
1 : Enable ADC6 to function as analog input pin
Bit 5 (ADE5):
AD converter enable bit of P70 pin
0 : Disable ADC5, P70 functions as I/O pin
1 : Enable ADC5 to function as analog input pin
Bit 4 (ADE4):
AD converter enable bit of P67 pin
0 : Disable ADC4, P67 functions as I/O pin
1 : Enable ADC4 to function as analog input pin
Bit 3 (ADE3):
AD converter enable bit of P53 pin
0 : Disable ADC3, P53 functions as I/O pin
1 : Enable ADC3 to function as analog input pin
Bit 2 (ADE2):
AD converter enable bit of P52 pin
0 : Disable ADC2, P52 functions as I/O pin
1 : Enable ADC2 to function as analog input pin
Bit 1 (ADE1):
AD converter enable bit of P51 pin
0 : Disable ADC1, P51 acts as I/O pin
1 : Enable ADC1 acts as analog input pin
Bit 0 (ADE0):
AD converter enable bit of P50 pin
0 : Disable ADC0, P50 functions as I/O pin
1 : Enable ADC0 to function as analog input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com