Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM78P372KSS20 Datasheet(PDF) 92 Page - ELAN Microelectronics Corp

Part # EM78P372KSS20
Description  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 Datasheet(HTML) 92 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 88Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 89Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 90Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 91Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 92Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 93Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 94Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 95Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 96Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 118 page
background image
EM78P372K
8-bit Microcontroller
84
Product Specification (V1.4) 05.11.2016
(This specification is subject to change without prior notice)
7.13.3 Code Option Register (Word 2)
Word 2
Bit
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mne
monic
–
–
–
SFS
–
IRCPSS IRCIRS
HLP
–
WDTPS
ID2
ID1
ID0
1
–
–
–
16kHz
–
Internal Regulator
High
–
18ms
High
High
High
0
–
–
–
128kHz
–
VDD
Bandgap
Low
–
4.5ms
Low
Low
Low
Bit 12:
Not used, (reserved). This bit is
set to “1” all the time.
Bit 11:
Not used, (reserved). This bit is
set to “0” all the time.
Bit 10:
Not used, (reserved). This bit is
set to “1” all the time.
Bit 9 (SFS):
Sub-oscillator select for Green mode and TCC, PWM1, PWM2
clock source.
(Not include WDT time-out and free run setup-up time)
0 : 128kHz
1 : 16kHz (default)
Bit 8:
Not used, (reserved). This bit is
set to “0” all the time.
Bit 7 (IRCPSS):
IRC Power Source Select
0 = VDD
1 = Internal reference (default)
Bit 6 (IRCIRS):
IRC Internal reference Select.
0 = IRC Bandgap Mode (Vref is used from Bandgap).
1 = IRC Regulator Mode (default)
Bit 5 (HLP):
Power consumption selection
0: Low power consumption mode, applies to operating frequency
at 400 kHz or below 400kHz
1: High power consumption mode, applies to operating frequency
above 400 kHz (Default)
(User selects LXT1 or LXT2 in crystal mode, HLP function
automatically selects low)
Bit 4 (LPS):
Not used, (reserved). This bit is
set to “1” all the time.
Bit 3 (WDTPS):
WDT Time-out Period
WDT Time
Watchdog Timer
*
1
18 ms (Default)
0
4.5 ms
*Theoretical values, for reference only.
Bits 2 ~ 0:
Customer’s ID Ⅰcode (Can’t be read from Table Point Register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com