Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM78P372KSS20 Datasheet(PDF) 65 Page - ELAN Microelectronics Corp

Part # EM78P372KSS20
Description  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 Datasheet(HTML) 65 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 61Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 62Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 63Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 64Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 65Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 66Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 67Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 68Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 69Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 118 page
background image
EM78P372K
8-bit Microcontroller
Product Specification (V1.4) 05.11.2016
 57
(This specification is subject to change without prior notice)
7.7.3
ADC Sampling Time
The accuracy, linearity, and speed of the successive approximation of the AD converter
are dependent on the properties of the ADC and the comparator. The source
impedance and the internal sampling impedance directly affect the time required to
charge the sample holding capacitor. The application program controls the length of the
sample time to meet the specified accuracy. Generally speaking, the program should
wait for 2
s for each K of the analog source impedance and at least 2s for the
low-impedance source. The maximum recommended impedance for analog source is
10K
 at Vdd=5V. After the analog input channel is selected, this acquisition time must
be done before the conversion is started.
7.7.4
AD Conversion Time
CKR1 and CKR0 select the conversion time (Tct), in terms of instruction cycles. This
allows the MCU to run at the maximum frequency without sacrificing the AD conversion
accuracy. For the EM78P372K, the conversion time per bit is about 1
s. The table
below shows the relationship between Tct and the maximum operating frequencies.
TAD = 1µs
CPUS
CKR1 : CKR0
Operation
Mode
Max. Operation
Frequency
Max. Conversion
Rate/Bit
Max. Conversion Rate
1
00
(default)
FOSC/16
16 MHz
1 MHz (1µs)
16*1µs=16µs (62.5kHz)
1
01
FOSC/4
4 MHz
1 MHz (1µs)
16*1µs=16µs (62.5kHz)
1
10
FOSC/64
-
-
-
1
11
FOSC/1
1 MHz
1 MHz (1µs)
16*1µs=16µs (62.5kHz)
0

16K/128kHz
TAD = 4µs
CPUS
CKR1 : CKR0
Operation
Mode
Max. Operation
Frequency
Max. Conversion
Rate/Bit
Max. Conversion Rate
1
00
(default)
FOSC/16
4 MHz
250kHz (4µs)
16*4µs=64µs (15.625kHz)
1
01
FOSC/4
1 MHz
250kHz (4µs)
16*4µs=64µs (15.625kHz)
1
10
FOSC/64
16 MHz
250kHz (4µs)
16*4µs=64µs (15.625kHz)
1
11
FOSC/1
-
-
-
0

16K/128kHz
NOTE
■ Pin not used as an analog input pin can be used as regular input or output pin.
■ During conversion, do not perform output instruction to maintain precision for all of
the pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com