Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM78P372KSS20 Datasheet(PDF) 47 Page - ELAN Microelectronics Corp

Part # EM78P372KSS20
Description  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 Datasheet(HTML) 47 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 50Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 51Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 118 page
background image
EM78P372K
8-bit Microcontroller
Product Specification (V1.4) 05.11.2016
 39
(This specification is subject to change without prior notice)
All I/O port pins are configured as input mode (high-impedance state)
The Watchdog Timer and prescaler are cleared
When power is switched on, the upper three bits of R3 is cleared
The IOCB0 register bits are set to all "1"
The IOCC0 register bits are set to all "0"
The IOCD0 register bits are set to all "1"
Bits 7, 5, and 4 of the IOCE0 register are cleared
Bits 5 and 4 of the RE register are cleared
RF and IOCF0 registers are cleared
Executing the “SLEP” instruction will assert the sleep (power down) mode (When
IDLE=
“0”.). While entering into sleep mode, the Oscillator, TCC, TMR1 and TMR2 are
stopped. The WDT (if enabled) is cleared but keeps on running.
During AD conversion
, when “SLEP” instruction is set; the Oscillator, TMR1 and TMR2
keep on running. The WDT (if enabled) is cleared but keeps on running.
The controller can be awakened by:
Case 1
External reset input on /RESET pin
Case 2
WDT time-out (if enabled)
Case 3
Port 5, P70, P71 input status changes (if ICWE is enabled)
Case 4
Comparator output status changes (if CMPWE is enabled)
Case 5
AD conversion completed (if ADWE is enabled)
Case 6
Low Voltage Detector (if LVDWE is enabled)
The first two cases (1 and 2) will cause the EM78P372K to reset. The T and P flags of
R3 can be used to determine the source of the reset (wake-up). Cases 3, 4, 5 and 6 are
considered the continuation of program execution and the global interrupt ("ENI" or
"DISI" being executed) determines whether or not the controller branches to the
interrupt vector following wake-up. If ENI is executed before SLEP, the instruction will
begin to execute from Address 0x06 (Case 3), 0
0F (Case 4), 0x0C (Case 5) and 021
(Case 6) after wake-up. If DISI is executed before SLEP, the execution will restart from
the instruction next to SLEP after wake-up.
Only one of Cases 2 to 6 can be enabled before entering into sleep mode. That is:
Case [a] If WDT is enabled before SLEP, all of the RE bit is disabled. Hence, the
EM78P372K can be awakened only with Case 1 or Case 2. Refer to the
section on Interrupt (Section 6.6) for further details.
Case [b] If Port 5, P70, P71 Input Status Change is used to wake up the EM78P372K
and the ICWE bit of the RE register is enabled before SLEP, and WDT must
be disabled. Hence, the EM78P372K can be awakened only with Case 3.
Wake-up time is dependent on the oscillator mode. In RC mode, Wake-up
time is 10
s (for stable oscillators). In HXT2 (4 MHz) mode, Wake-up time is
800
s (for stable oscillators), and in LXT2 mode, Wake-up time is 2 ~ 3s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com