Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM78P372KSS20 Datasheet(PDF) 77 Page - ELAN Microelectronics Corp

Part # EM78P372KSS20
Description  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 Datasheet(HTML) 77 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 73Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 74Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 75Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 76Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 77Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 78Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 79Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 80Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 81Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 118 page
background image
EM78P372K
8-bit Microcontroller
Product Specification (V1.4) 05.11.2016
 69
(This specification is subject to change without prior notice)
7.9
Timer
7.9.1
Overview
Timer 1 (TMR1) and Timer 2 (TMR2) (TMRX) are 8-bit clock counters with
programmable prescalers. They are designed for the PWM module as baud rate clock
generators. TMRX can be read only. The Timer 1 and Timer 2 will stop running when
sleep mode occurs with AD conversion not running. However, if AD conversion is
running when sleep mode occurs, Timer 1 and Timer 2 will keep on running.
7.9.2
Function Description
Data Bus
Data Bus
PRD1
Comparator
TMR1
Period
Match
PRD2
Comparator
TMR2
Period
Match
To TMR1IF(PWM1IF)
To TMR2IF(PWM2IF)
reset
reset
MUX
T1P2 T1P1 T1P0 T1EN
1:2
1:4
1:8
1:64
1:1
1:16
1:128
1:256
Fosc
Fosc
T2P2 T2P1 T2P0 T2EN
MUX
1:4
1:8
1:2
1:64
1:1
1:16
1:128
1:256
Figure 7-26 Timer Block Diagram
Where:
Fosc: Input clock.
Prescaler (T1P2, T1P1 and T1P0 / T2P2, T2P1 and T2P0): The options 1:1, 1:2, 1:4,
1:8, 1:16, 1:64, 1:128, and 1:256 are defined by TMRX. It is cleared when any type of
reset occurs.
TMR1 and TMR2: Timer X register. TMRX is increased until it matches with PRDX,
and then is reset to “0” (default value).
DT1 and DT2: Timer X register. TMRX is increased until it matches with DTX, and
then is reset to “0” (default value).
PRDX (PRD1, PRD2): PWM time period register
Comparator X (Comparator 1 and Comparator 2): Reset TMRX while a match
occurs. The TMRXIF (PWMXIF) flag is set at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com