Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM78P372KSS20 Datasheet(PDF) 33 Page - ELAN Microelectronics Corp

Part # EM78P372KSS20
Description  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 Datasheet(HTML) 33 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 37Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 118 page
background image
EM78P372K
8-bit Microcontroller
Product Specification (V1.4) 05.11.2016
 25
(This specification is subject to change without prior notice)
7.2
Special Purpose Registers
7.2.1
A (Accumulator)
Internal data transfer operation, or instruction operand holding usually involves the
temporary storage function of the Accumulator, which is not an addressable register.
7.2.2
CONT (Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
INTE
INT
TS
TE
PSTE
PST2
PST1
PST0
Note: The CONT register is both readable and writable.
Bit 6 is read only.
Bit 7 (INTE):
INT signal edge
0 : Interrupt occurs at a rising edge of the INT pin
1 : Interrupt occurs at a falling edge of the INT pin
Bit 6 (INT):
Interrupt Enable flag
0 : Masked by DISI or hardware interrupt
1 : Enabled by the ENI/RETI instructions
This bit is readable only.
Bit 5 (TS):
TCC signal source
0 : Internal instruction cycle clock. If P54 is used as I/O pin
1 : Transition on the TCC pin
Bit 4 (TE):
TCC signal edge
0 : Increment if the transition from low to high takes place on the
TCC pin
1 : Increment if the transition from high to low takes place on the
TCC pin.
Bit 3 (PSTE):
Prescaler enable bit for TCC
0 = prescaler disable bit. TCC rate is 1:1.
1 = prescaler enable bit. TCC rate is set at Bit 2 ~ Bit 0.
Bit 2 ~ Bit 0 (PST2 ~ PST0): TCC prescaler bits
PST2
PST1
PST0
TCC Rate
0
0
0
1:2
0
0
1
1:4
0
1
0
1:8
0
1
1
1:16
1
0
0
1:32
1
0
1
1:64
1
1
0
1:128
1
1
1
1:256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com