Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM78P372KSS20 Datasheet(PDF) 79 Page - ELAN Microelectronics Corp

Part # EM78P372KSS20
Description  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 Datasheet(HTML) 79 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 75Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 76Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 77Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 78Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 79Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 80Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 81Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 82Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 83Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 118 page
background image
EM78P372K
8-bit Microcontroller
Product Specification (V1.4) 05.11.2016
 71
(This specification is subject to change without prior notice)
7.10
Comparator
The EM78P372K has one
comparator which has two
analog inputs and one output.
The comparator can be
employed to wake up the system
from sleep/idle mode. The Figure
at right shows the comparator
circuit.
Cin -
-
+
CMP
Cin+
CO
Cin+
Cin -
Output
10mV
Figure 7-28 Comparator Operating
Mode
7.10.1
External Reference Signal
The analog signal that is presented at Cin
– compares to the signal at Cin+, and the
digital output (CO) of the comparator is adjusted accordingly by taking the following
notes into considerations:
NOTE
■ The reference signal must be between Vss and Vdd.
■ The reference voltage can be applied to either pin of the comparator.
■ Threshold detector applications may be of the same reference.
■ The comparator can operate from the same or different reference sources.
7.10.2
Comparator Output
The compared result is stored in the CMPOUT of IOC80.
The comparator outputs are sent to CO (P64) by programming Bit 4 and Bit 3
<COS1, COS0> of the IOC80 register to <1,0>. See table under Section 6.2.4,
IOC80 (Comparator and TCCA Control Registers) for Comparator/OP select bits
function description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com