Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF5023AMMA0ES Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MPF5023AMMA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5023AMMA0ES Datasheet(HTML) 4 Page - NXP Semiconductors

  MPF5023AMMA0ES Datasheet HTML 1Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 2Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 3Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 4Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 5Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 6Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 7Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 8Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 91 page
background image
NXP Semiconductors
PF5023
Power management integrated circuit (PMIC) for high performance applications
PF5023
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
4 / 91
7 Pinning information
7.1 Pinning
aaa-032236
SCL
30
SDA
29
VDDOTP
28
SYNC
27
PGOOD
26
INTB
25
V1P5D
24
V1P5A
23
STANDBY
22
XFAILB
21
SW2FB 1
SW1IN 2
SW1LX 3
SW2LX 4
SW2IN 5
SW3IN 6
SW3LX
EPAD
7
NC1 8
NC2 9
NC3 10
Figure 3. Pin configuration for 40-pin QFN
7.2 Pin description
Table 2. Pin description
QFN pin
number
Pin name
Pin description
Min
Max
Units
1
SW2FB
SW2 feedback input
−0.3
6.0
V
2
SW1IN
SW1 input supply
−0.3
6.0
V
3
SW1LX
SW1 switching node
−0.3
6.0
V
4
SW2LX
SW2 switching node
−0.3
6.0
V
5
SW2IN
SW2 input supply
−0.3
6.0
V
6
SW3IN
SW3 input supply
−0.3
6.0
V
7
SW3LX
SW3 switching node
−0.3
6.0
V
8
NC1
not connected
−0.3
6.0
V
9
NC2
not connected
−0.3
6.0
V
10
NC3
not connected
−0.3
6.0
V
11
SW3FB
SW3 feedback input
−0.3
6.0
V
12
NC4
not connected
−0.3
6.0
V
13
EN3
SW3 enable input
−0.3
6.0
V
14
NC5.
not connected
−0.3
6.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com