Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF5023AMMA0ES Datasheet(PDF) 44 Page - NXP Semiconductors

Part # MPF5023AMMA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5023AMMA0ES Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button MPF5023AMMA0ES Datasheet HTML 40Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 41Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 42Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 43Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 44Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 45Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 46Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 47Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 91 page
background image
NXP Semiconductors
PF5023
Power management integrated circuit (PMIC) for high performance applications
PF5023
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
44 / 91
aaa-028696
7
MSB Data
6
5
4
1
0
3
I2C CRS Polynominal
Seed: 1 1 1 1 1 1 1 1
2
Figure 22. 8 bit SAE J1850 CRC polynomial
14.9.11.2 I2C secure write
A secure write mechanism is implemented for specific registers critical to the functional
safety of the device.
• When OTP_I2C_ SECURE_EN = 0, the secure write is disabled.
• When OTP_I2C_ SECURE_EN = 1, the secure write is enabled.
When the secure write is enabled, a specific sequence must be followed in order to grant
writing access on the corresponding secure register.
Secure write sequence is as follows:
• MCU sends command to modify the secure registers
• PMIC generates a random code in the RANDOM_GEN register
• MCU reads the random code from the RANDOM_GEN register and writes it back on
the RANDOM_CHK register
The PMIC compares the RANDOM_CHK against the RANDOM_GEN register:
• If RANDOM_CHK [7:0] = RANDOM_GEN[7:0], the device applies the configuration
on the corresponding secure register, and self-clears both the RANDOM_GEN and
RANDOM_CHK registers.
• If RANDOM_CHK[7:0] different from RANDOM_GEN[7:0], the device ignores the
configuration command and self-clears both the RANDOM_GEN and RANDOM_CHK
registers.
In the event the MCU sends any other command instead of providing a value for the
RANDOM_CHK register, the state machine cancels the ongoing secure write transaction
and performs the new I2C command.
In the event the MCU does not provide a value for the RANDOM_CHK register, the I2C
transaction will time out 10 ms after the RANDOM_GEN code is generated, and device is
ready for a new transaction.
Table 34. Secure bits
Register
Bit
Description
ABIST OV1
AB_SWx_OV
Writing a 1 to this flag to clear the ABIST fault
notification
ABIST UV1
AB_SWx_UV
Writing a 1 to this flag to clear the ABIST fault
notification
ABIST RUN
AB_RUN
Writing a 1 starts an ABIST on demand
CTRL1
TMP_MON_EN
Writing a 0 disables the thermal monitor, preventing
the thermal interrupts and thermal shutdown event
from being detected
CTRL1
VIN_OVLO_EN
Writing a 0 disables the VIN overvoltage lockout
monitor completely



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com