Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF5023AMMA0ES Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MPF5023AMMA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5023AMMA0ES Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MPF5023AMMA0ES Datasheet HTML 3Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 4Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 5Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 6Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 7Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 8Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 9Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 10Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 91 page
background image
NXP Semiconductors
PF5023
Power management integrated circuit (PMIC) for high performance applications
PF5023
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
7 / 91
– SW1 to SW3: 0.4 V to 1.8 V; 2500 mA; 2 % accuracy
– Dynamic voltage scaling
– Configurable as a multiphase regulator
– VTT termination mode on SW2
– Programmable current limit
– Spread-spectrum and manual tuning of switching frequency
• PGOOD output and monitor
– Global PGOOD output and PGOOD monitor
– Independent PGOOD output for each regulator
• Independent enable input for each regulator
• Clock synchronization through configurable input/output sync pin
• System features
– Fast PMIC startup
– Advanced state machine for seamless processor interface
– High speed I2C interface support (up to 3.4 MHz)
– User programmable Standby and Off modes
– Programmable soft start sequence and power down sequence
– Programmable regulator configuration
• OTP (One-time programmable) memory for device configuration
• Monitoring circuit to fit ASIL B safety level
– Independent voltage monitoring with programmable fault protection
– Advance thermal monitoring and protection
– External watchdog monitoring and programmable internal watchdog counter
– I2C CRC and write protection mechanism
– Analog built-in self-test (ABIST)
12.2 Functional block diagram
aaa-032237
PF5023
FUNCTIONAL BLOCK DIAGRAM
CLOCK MANAGEMENT
EXTERNAL CLOCK SYNC
SPREAD SPECTRUM
MANUAL FREQUENCY TUNING
LOGIC AND CONTROL
I2C
WATCHDOG
MCU INTERFACE
REGULATOR CONTROL
FAULT DETECTION
FUNCTIONAL SAFETY
FAULT DETECTION AND
PROTECTION
(THERMAL/UV/OV/ILIM)
OTP
(FLEXIBLE CONFIGURATION)
SW1 (SINGLE/MULTI)
(0.4 V TO 1.8 V, 2.5 A)
SW2 (SINGLE/MULTI)
(VTT/0.4 V TO 1.8 V, 2.5 A)
SW3 (SINGLE/MULTI)
(0.4 V TO 1.8 V, 2.5 A)
Figure 4. Functional block diagram
12.3 Power tree summary
The following table provides a summary of the voltage regulators in the PF5023.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com