Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF5023AMMA0ES Datasheet(PDF) 59 Page - NXP Semiconductors

Part # MPF5023AMMA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5023AMMA0ES Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button MPF5023AMMA0ES Datasheet HTML 55Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 56Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 57Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 58Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 59Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 60Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 61Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 62Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 91 page
background image
NXP Semiconductors
PF5023
Power management integrated circuit (PMIC) for high performance applications
PF5023
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
59 / 91
• When the FSYNC_RANGE = 0, the input frequency range at SYNC pin should be
between 2000 kHz and 3000 kHz.
• When the FSYNC_RANGE = 1, the input frequency range at SYNC pin should be
between 333 kHz and 500 kHz.
The OTP_FSYNC_RANGE bit is used to select the default frequency range accepted in
the SYNC pin.
The external clock duty cycle at the SYNC pin should be between 40 % and 60 %. An
input frequency in the SYNC pin outside the range defined by the FSYNC_RANGE bit is
detected as invalid. If the external clock is not present or invalid, the device automatically
switches to the internal clock and sets the FSYNC_FLT_I interrupt, which in turn asserts
the INTB pin provided it is not masked.
The FSYNC_FLT_S bit is set to 1 as long as the input frequency is not preset or invalid,
and it is cleared to 0 when the SYNC has a valid input frequency.
The device switches back to the external switching frequency only when both, the
FSYNC_FLT_I interrupt has been cleared and the SYNC pin sees a valid frequency.
When the external clock is selected, the switching regulators should be set in PWM mode
to ensure clock synchronization at all time.
When the OTP_SYNC_MODE = 0 and OTP_SYNCOUT_EN = 1, the SYNC pin is used
to synchronize an external device to the PF5023.
The SYNC pin outputs the main frequency used for the switching regulators in the range
of 2.0 MHz to 3.0 MHz. The SYNCOUT_EN bit can be used to enable or disable the
SYNCOUT feature via I2C during the system On state.
• When SYNCOUT_EN = 0, the SYNCOUT feature is disabled and the pin is internally
pulled to ground.
• When SYNCOUT_EN = 1, the SYNC pin toggles at the base frequency used by the
switching regulators.
The SYNCOUT function can be enabled or disabled by default by using the
OTP_SYNCOUT_EN bit.
Table 51. Clock management specifications
All parameters are specified at TA = −40 to 125 °C, unless otherwise noted. Typical values are characterized at VIN = 5.0 V
and TA = 25 °C, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Unit
Low frequency clock
IQ100KHz
100 kHz clock quiescent current
—
—
3.0
µA
f100KHzACC
100 kHz clock accuracy
−5.0
—
5.0
%
High frequency clock
f20MHz
High frequency clock nominal frequency
via CLK_FREQ[3:0] = 0000
—
20
—
MHz
f20MzACC
High frequency clock accuracy
−6.0
—
6.0
%
t20MHzStep
Clock step transition time
Minimum time to transition from one frequency step to
the next in manual tuning mode
—
5.2
—
µs
FSSRANGE
Spread-spectrum range
FSS_RANGE= 0
via CLK_FREQ[3:0]
Spread-spectrum is done around center frequency of
20 MHz
—
±5.0
—
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com