Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2808NMFS Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2808NMFS
Description  TMS320F280x, TMS320C280x, TMS320F2801x digital signal processors
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2808NMFS Datasheet(HTML) 3 Page - Texas Instruments

  TMS320F2808NMFS Datasheet HTML 1Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 2Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 3Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 4Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 5Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 6Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 7Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 8Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 155 page
background image
4 Functional Block Diagram
INT[12:1]
Real-Time JTAG
(TDI, TDO,
, TCK,
TMS, EMU0, EMU1)
TRST
C28x CPU
(100 MHz)
NMI, INT13
Memory Bus
INT14
SYSCLKOUT
RS
CLKIN
12-Bit ADC
ADCSOCA/B
SOCA/B
16 Channels
12
6
32
XCLKOUT
XRS
XCLKIN
X1
X2
32
System Control
(Oscillator, PLL,
Peripheral Clocking,
Low-Power Modes,
Watchdog)
ePWM1/2/3/4/5/6
(12 PWM Outputs,
6 Trip Zones,
6 16-bit Timers)
eCAP1/2/3/4
(4 32-bit Timers)
eQEP1/2
eCAN-A/B (32 mbox)
External Interrupt
Control
PIE
(96 Interrupts)
(A)
FIFO
FIFO
FIFO
SCI-A/B
I2C-A
SPI-A/B/C/D
4
8
4
2
16
4
GPIOs
(35)
TINT0
TINT1
TINT2
7
Peripheral Bus
M0 SARAM
1K x 16
M1 SARAM
1K x 16
Boot ROM
4K x 16
(1-wait state)
L0 SARAM
4K x 16
(0-wait)
L1 SARAM
4K x 16
(0-wait)
(B)
H0 SARAM
8K x 16
(0-wait)
(C)
ROM
32K x 16 (C2802)
16K x 16 (C2801)
FLASH
128K x 16 (F2809)
64K x 16 (F2808)
32K x 16 (F2806)
32K x 16 (F2802)
16K x 16 (F2801)
16K x 16 (F2801x)
OTP
1K x 16
(D)
Protected by the code-security module.
32-bit CPU TIMER 0
32-bit CPU TIMER 1
32-bit CPU TIMER 2
Copyright © 2016, Texas Instruments Incorporated
A. 43 of the possible 96 interrupts are used on the devices.
B. Not available in F2802, F2801, C2802, and C2801.
C. Not available in F2806, F2802, F2801, C2802, and C2801.
D. The 1K x 16 OTP has been replaced with 1K x 16 ROM for C280x devices.
Figure 4-1. Functional Block Diagram
www.ti.com
TMS320F2809, TMS320F2808, TMS320F2806, TMS320F2802, TMS320F2801, TMS320C2802,
TMS320C2801, TMS320F28016, TMS320F28015
SPRS230P – OCTOBER 2003 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMS320F2809 TMS320F2808 TMS320F2806 TMS320F2802 TMS320F2801
TMS320C2802 TMS320C2801 TMS320F28016 TMS320F28015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com