Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2808NMFS Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2808NMFS
Description  TMS320F280x, TMS320C280x, TMS320F2801x digital signal processors
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2808NMFS Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320F2808NMFS Datasheet HTML 2Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 3Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 4Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 5Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 6Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 7Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 8Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 9Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 155 page
background image
6 Device Comparison
Table 6-1. Device Comparison (100-MHz Devices)
FEATURE
TYPE(1)
F2809
F2809-Q1
F2808
F2808-Q1
F2806
F2806-Q1
F2802
F2802-Q1
F2801
F2801-Q1
C2802
C2801
Instruction cycle (at 100 MHz)
–
10 ns
10 ns
10 ns
10 ns
10 ns
10 ns
10 ns
Single-access RAM (SARAM) (16-bit
word)
–
18K
(L0, L1, M0,
M1, H0)
18K
(L0, L1, M0,
M1, H0)
10K
(L0, L1, M0,
M1)
6K
(L0, M0, M1)
6K
(L0, M0, M1)
6K
(L0, M0, M1)
6K
(L0, M0, M1)
3.3-V on-chip flash (16-bit word)
–
128K
64K
32K
32K
16K
–
–
On-chip ROM (16-bit word)
–
–
–
–
–
–
32K
16K
Code security for on-chip flash/
SARAM/OTP blocks
–
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Boot ROM (4K x 16)
–
Yes
Yes
Yes
Yes
Yes
Yes
Yes
One-time programmable (OTP) ROM
(16-bit word)
–
1K
1K
1K
1K
1K
–
–
PWM channels
0
ePWM1/2/3/4
/5/6
ePWM1/2/3/4
/5/6
ePWM1/2/3/4
/5/6
ePWM1/2/3
ePWM1/2/3
ePWM1/2/3
ePWM1/2/3
HRPWM channels
0
ePWM1A/2A/
3A/
4A/5A/6A
ePWM1A/2A/
3A/4A
ePWM1A/2A/
3A/4A
ePWM1A/2A/
3A
ePWM1A/2A/
3A
ePWM1A/2A/
3A
ePWM1A/2A/
3A
32-bit CAPTURE inputs or auxiliary
PWM outputs
0
eCAP1/2/3/4
eCAP1/2/3/4
eCAP1/2/3/4
eCAP1/2
eCAP1/2
eCAP1/2
eCAP1/2
32-bit QEP channels (four inputs/
channel)
0
eQEP1/2
eQEP1/2
eQEP1/2
eQEP1
eQEP1
eQEP1
eQEP1
Watchdog timer
–
Yes
Yes
Yes
Yes
Yes
Yes
Yes
12-Bit, 16-channel ADC conversion time
1
80 ns
160 ns
160 ns
160 ns
160 ns
160 ns
160 ns
32-Bit CPU timers
–
3
3
3
3
3
3
3
Serial Peripheral Interface (SPI)
0
SPI-A/B/C/D
SPI-A/B/C/D
SPI-A/B/C/D
SPI-A/B
SPI-A/B
SPI-A/B
SPI-A/B
Serial Communications Interface (SCI)
0
SCI-A/B
SCI-A/B
SCI-A/B
SCI-A
SCI-A
SCI-A
SCI-A
Enhanced Controller Area Network
(eCAN)
0
eCAN-A/B
eCAN-A/B
eCAN-A
eCAN-A
eCAN-A
eCAN-A
eCAN-A
Inter-Integrated Circuit (I2C)
0
I2C-A
I2C-A
I2C-A
I2C-A
I2C-A
I2C-A
I2C-A
Digital I/O pins (shared)
–
35
35
35
35
35
35
35
External interrupts
–
3
3
3
3
3
3
3
Supply voltage
1.8-V Core, 3.3-V
I/O
–
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Packaging
100-Pin PZ
–
Yes
Yes
Yes
Yes
Yes
Yes
Yes
100-Ball GGM,
ZGM
–
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Temperature
options
A: –40°C to 85°C
–
(PZ, GGM,
ZGM)
(PZ, GGM,
ZGM)
(PZ, GGM,
ZGM)
(PZ, GGM,
ZGM)
(PZ, GGM,
ZGM)
(PZ, GGM,
ZGM)
(PZ, GGM,
ZGM)
S: –40°C to 125°C
–
(PZ, GGM,
ZGM)
(PZ, GGM,
ZGM)
(PZ, GGM,
ZGM)
(PZ, GGM,
ZGM)
(PZ, GGM,
ZGM)
(PZ, GGM,
ZGM)
(PZ, GGM,
ZGM)
Q: –40°C to 125°C
(AEC-Q100
Qualification)
–
(PZ)
(PZ)
(PZ)
(PZ)
(PZ)
(PZ)
(PZ)
(1)
A type change represents a major functional feature difference in a peripheral module. Within a peripheral type, there may be minor
differences between devices that do not affect the basic functionality of the module. These device-specific differences are listed in the
C2000 real-time control peripherals reference guide and in the peripheral reference guides.
Table 6-2. Device Comparison (60-MHz Devices)
FEATURE
TYPE(1)
F2802-60
F2801-60
F28016
F28016-Q1
F28015
F28015-Q1
Instruction cycle (at 60 MHz)
–
16.67 ns
16.67 ns
16.67 ns
16.67 ns
Single-access RAM (SARAM) (16-bit word)
–
6K
(L0, M0, M1)
6K
(L0, M0, M1)
6K
(L0, M0, M1)
6K
(L0, M0, M1)
3.3-V on-chip flash (16-bit word)
–
32K
16K
16K
16K
On-chip ROM (16-bit word)
–
–
–
–
–
TMS320F2809, TMS320F2808, TMS320F2806, TMS320F2802, TMS320F2801, TMS320C2802,
TMS320C2801, TMS320F28016, TMS320F28015
SPRS230P – OCTOBER 2003 – REVISED FEBRUARY 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F2809 TMS320F2808 TMS320F2806 TMS320F2802 TMS320F2801
TMS320C2802 TMS320C2801 TMS320F28016 TMS320F28015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com