Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2808NMFS Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2808NMFS
Description  TMS320F280x, TMS320C280x, TMS320F2801x digital signal processors
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2808NMFS Datasheet(HTML) 1 Page - Texas Instruments

  TMS320F2808NMFS Datasheet HTML 1Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 2Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 3Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 4Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 5Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 6Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 7Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 8Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 155 page
background image
TMS320F280x, TMS320C280x, TMS320F2801x digital signal processors
1 Features
• High-performance static CMOS technology
– 100 MHz (10-ns cycle time)
– 60 MHz (16.67-ns cycle time)
– Low-power (1.8-V core, 3.3-V I/O) design
• JTAG boundary scan support
– IEEE Standard 1149.1-1990 Standard Test
Access Port and Boundary Scan Architecture
• High-performance 32-bit CPU (TMS320C28x)
– 16 × 16 and 32 × 32 MAC operations
– 16 × 16 dual MAC
– Harvard bus architecture
– Atomic operations
– Fast interrupt response and processing
– Unified memory programming model
– Code-efficient (in C/C++ and Assembly)
• On-chip memory
– F2809: 128K × 16 flash, 18K × 16 SARAM
F2808: 64K × 16 flash, 18K × 16 SARAM
F2806: 32K × 16 flash, 10K × 16 SARAM
F2802: 32K × 16 flash, 6K × 16 SARAM
F2801: 16K × 16 flash, 6K × 16 SARAM
F2801x: 16K × 16 flash, 6K × 16 SARAM
– 1K × 16 OTP ROM (flash devices only)
– C2802: 32K × 16 ROM, 6K × 16 SARAM
C2801: 16K × 16 ROM, 6K × 16 SARAM
• Boot ROM (4K × 16)
– With software boot modes (via SCI, SPI, CAN,
I2C, and parallel I/O)
– Standard math tables
• Clock and system control
– On-chip oscillator
– Watchdog timer module
• Any GPIO A pin can be connected to one of the
three external core interrupts
• Peripheral Interrupt Expansion (PIE) block that
supports all 43 peripheral interrupts
• Endianness: Little endian
• 128-bit security key/lock
– Protects flash/OTP/L0/L1 blocks
– Prevents firmware reverse-engineering
• Three 32-bit CPU timers
• Enhanced control peripherals
– Up to 16 PWM outputs
– Up to 6 HRPWM outputs with 150-ps MEP
resolution
– Up to four capture inputs
– Up to two quadrature encoder interfaces
– Up to six 32-bit/six 16-bit timers
• Serial port peripherals
– Up to 4 SPI modules
– Up to 2 SCI (UART) modules
– Up to 2 CAN modules
– One Inter-Integrated-Circuit (I2C) bus
• 12-bit ADC, 16 channels
– 2 × 8 channel input multiplexer
– Two sample-and-hold
– Single/simultaneous conversions
– Fast conversion rate:
80 ns - 12.5 MSPS (F2809 only)
160 ns - 6.25 MSPS (280x)
267 ns - 3.75 MSPS (F2801x)
– Internal or external reference
• Up to 35 individually programmable, multiplexed
GPIO pins with input filtering
• Advanced emulation features
– Analysis and breakpoint functions
– Real-time debug via hardware
• Development support includes
– ANSI C/C++ compiler/assembler/linker
– Code Composer Studio™ IDE
– SYS/BIOS
– Digital motor control and digital power software
libraries
• Low-power modes and power savings
– IDLE, STANDBY, HALT modes supported
– Disable individual peripheral clocks
• Package options
– Thin quad flatpack (PZ)
– MicroStar BGA™ (GGM, ZGM)
• Temperature options
– A: –40°C to 85°C (PZ, GGM, ZGM)
– S: –40°C to 125°C (PZ, GGM, ZGM)
– Q: –40°C to 125°C (PZ)
(AEC-Q100 qualification for automotive
applications)
www.ti.com
TMS320F2809, TMS320F2808, TMS320F2806, TMS320F2802, TMS320F2801, TMS320C2802,
TMS320C2801, TMS320F28016, TMS320F28015
SPRS230P – OCTOBER 2003 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: TMS320F2809 TMS320F2808 TMS320F2806 TMS320F2802 TMS320F2801
TMS320C2802 TMS320C2801 TMS320F28016 TMS320F28015
TMS320F2809, TMS320F2808, TMS320F2806, TMS320F2802, TMS320F2801, TMS320C2802,
TMS320C2801, TMS320F28016, TMS320F28015
SPRS230P – OCTOBER 2003 – REVISED FEBRUARY 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMS320F2808NMFS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F2808NMFS TI-TMS320F2808NMFS Datasheet
1Mb / 150P
TMS320F280x, TMS320C280x, TMS320F2801x digital signal processors
TMS320F2808NMFS TI-TMS320F2808NMFS Datasheet
2Mb / 156P
TMS320F280x, TMS320C280x, TMS320F2801x digital signal processors
TMS320F2808NMFS TI-TMS320F2808NMFS Datasheet
3Mb / 154P
TMS320F280x, TMS320C280x, TMS320F2801x digital signal processors
FEBRUARY 2021
TMS320F2808NMFS TI2-TMS320F2808NMFS Datasheet
3Mb / 163P
TMS320F280x, TMS320C280x, TMS320F2801x digital signal processors
REVISED FEBRUARY 2021
TMS320F2808NMFS.A TI2-TMS320F2808NMFS.A Datasheet
3Mb / 163P
TMS320F280x, TMS320C280x, TMS320F2801x digital signal processors
REVISED FEBRUARY 2021
More results

Similar Description - TMS320F2808NMFS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
Digital Signal Processors
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
Digital Signal Processors
TMS320F2808 TI-TMS320F2808_V01 Datasheet
1Mb / 150P
TMS320F280x, TMS320C280x, TMS320F2801x digital signal processors
TMS320F2809 TI-TMS320F2809_V01 Datasheet
2Mb / 156P
TMS320F280x, TMS320C280x, TMS320F2801x digital signal processors
TMS320F2809 TI-TMS320F2809_V03 Datasheet
3Mb / 154P
TMS320F280x, TMS320C280x, TMS320F2801x digital signal processors
FEBRUARY 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com