Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2808NMFS Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2808NMFS
Description  TMS320F280x, TMS320C280x, TMS320F2801x digital signal processors
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2808NMFS Datasheet(HTML) 95 Page - Texas Instruments

Back Button TMS320F2808NMFS Datasheet HTML 91Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 92Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 93Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 94Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 95Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 96Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 97Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 98Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 155 page
background image
9.2.8 Serial Communications Interface (SCI) Modules (SCI-A, SCI-B)
The 280x devices include two serial communications interface (SCI) modules. The SCI modules support digital
communications between the CPU and other asynchronous peripherals that use the standard non-return-to-zero
(NRZ) format. The SCI receiver and transmitter are double-buffered, and each has its own separate enable and
interrupt bits. Both can be operated independently or simultaneously in the full-duplex mode. To ensure data
integrity, the SCI checks received data for break detection, parity, overrun, and framing errors. The bit rate is
programmable to over 65000 different speeds through a 16-bit baud-select register.
Features of each SCI module include:
• Two external pins:
– SCITXD: SCI transmit-output pin
– SCIRXD: SCI receive-input pin
Note
NOTE: Both pins can be used as GPIO if not used for SCI.
– Baud rate programmable to 64K different rates:
8
*
1)
(BRR
LSPCLK
rate
Baud
+
=
0
BRR
when
¹
16
LSPCLK
rate
Baud
=
0
BRR
when
=
• Data-word format
– One start bit
– Data-word length programmable from one to eight bits
– Optional even/odd/no parity bit
– One or two stop bits
• Four error-detection flags: parity, overrun, framing, and break detection
• Two wake-up multiprocessor modes: idle-line and address bit
• Half- or full-duplex operation
• Double-buffered receive and transmit functions
• Transmitter and receiver operations can be accomplished through interrupt-driven or polled algorithms with
status flags.
– Transmitter: TXRDY flag (transmitter-buffer register is ready to receive another character) and TX EMPTY
flag (transmitter-shift register is empty)
– Receiver: RXRDY flag (receiver-buffer register is ready to receive another character), BRKDT flag (break
condition occurred), and RX ERROR flag (monitoring four interrupt conditions)
• Separate enable bits for transmitter and receiver interrupts (except BRKDT)
•
devices)
MHz
-
100
(for
b/s
10
6.25
16
MHz
100
rate
bit
Max
6
´
=
=
devices)
MHz
-
60
(for
b/s
10
3.75
16
MHz
60
rate
bit
Max
6
´
=
=
• NRZ (non-return-to-zero) format
• Ten SCI module control registers located in the control register frame beginning at address 7050h
Note
All registers in this module are 8-bit registers that are connected to Peripheral Frame 2. When a
register is accessed, the register data is in the lower byte (7–0), and the upper byte (15–8) is read
as zeros. Writing to the upper byte has no effect.
www.ti.com
TMS320F2809, TMS320F2808, TMS320F2806, TMS320F2802, TMS320F2801, TMS320C2802,
TMS320C2801, TMS320F28016, TMS320F28015
SPRS230P – OCTOBER 2003 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
95
Product Folder Links: TMS320F2809 TMS320F2808 TMS320F2806 TMS320F2802 TMS320F2801
TMS320C2802 TMS320C2801 TMS320F28016 TMS320F28015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com