Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2808NMFS Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2808NMFS
Description  TMS320F280x, TMS320C280x, TMS320F2801x digital signal processors
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2808NMFS Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320F2808NMFS Datasheet HTML 3Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 4Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 5Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 6Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 7Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 8Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 9Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 10Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 155 page
background image
Table 6-2. Device Comparison (60-MHz Devices) (continued)
FEATURE
TYPE(1)
F2802-60
F2801-60
F28016
F28016-Q1
F28015
F28015-Q1
Code security for on-chip flash/SARAM/OTP
blocks
–
Yes
Yes
Yes
Yes
Boot ROM (4K x 16)
–
Yes
Yes
Yes
Yes
One-time programmable (OTP) ROM
(16-bit word)
–
1K
1K
1K
1K
PWM channels
0
ePWM1/2/3
ePWM1/2/3
ePWM1/2/3/4
ePWM1/2/3/4
HRPWM channels
0
ePWM1A/2A/3A
ePWM1A/2A/3A
ePWM1A/2A/3A/4A
ePWM1A/2A/3A/4A
32-bit CAPTURE inputs or auxiliary PWM
outputs
0
eCAP1/2
eCAP1/2
eCAP1/2
eCAP1/2
32-bit QEP channels (four inputs/channel)
0
eQEP1
eQEP1
-
-
Watchdog timer
–
Yes
Yes
Yes
Yes
12-Bit ADC
No. of channels
1
16
16
16
16
MSPS
3.75
3.75
3.75
3.75
Conversion time
267 ns
267 ns
267 ns
267 ns
32-Bit CPU timers
–
3
3
3
3
Serial Peripheral Interface (SPI)
0
SPI-A/B
SPI-A/B
SPI-A
SPI-A
Serial Communications Interface (SCI)
0
SCI-A
SCI-A
SCI-A
SCI-A
Enhanced Controller Area Network (eCAN)
0
eCAN-A
eCAN-A
eCAN-A
-
Inter-Integrated Circuit (I2C)
0
I2C-A
I2C-A
I2C-A
I2C-A
Digital I/O pins (shared)
–
35
35
35
35
External interrupts
–
3
3
3
3
Supply voltage
–
1.8-V Core,
3.3-V I/O
1.8-V Core,
3.3-V I/O
1.8-V Core,
3.3-V I/O
1.8-V Core,
3.3-V I/O
Packaging
100-Pin PZ
–
Yes
Yes
Yes
Yes
100-Ball GGM, ZGM
–
Yes
Yes
Yes
Yes
Temperature options
A: –40°C to 85°C
–
(PZ, GGM, ZGM)
(PZ, GGM, ZGM)
(PZ, GGM, ZGM)
(PZ, GGM, ZGM)
S: –40°C to 125°C
–
(PZ GGM, ZGM)
(PZ, GGM, ZGM)
(PZ, GGM, ZGM)
(PZ, GGM, ZGM)
Q: –40°C to 125°C
(AEC-Q100
Qualification)
–
(PZ)
(PZ)
(PZ)
(PZ)
(1)
A type change represents a major functional feature difference in a peripheral module. Within a peripheral type, there may be minor
differences between devices that do not affect the basic functionality of the module. These device-specific differences are listed in the
C2000 real-time control peripherals reference guide and in the peripheral reference guides.
www.ti.com
TMS320F2809, TMS320F2808, TMS320F2806, TMS320F2802, TMS320F2801, TMS320C2802,
TMS320C2801, TMS320F28016, TMS320F28015
SPRS230P – OCTOBER 2003 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TMS320F2809 TMS320F2808 TMS320F2806 TMS320F2802 TMS320F2801
TMS320C2802 TMS320C2801 TMS320F28016 TMS320F28015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com