Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2808NMFS Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2808NMFS
Description  TMS320F280x, TMS320C280x, TMS320F2801x digital signal processors
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2808NMFS Datasheet(HTML) 67 Page - Texas Instruments

Back Button TMS320F2808NMFS Datasheet HTML 63Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 64Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 65Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 66Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 67Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 68Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 69Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 70Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 155 page
background image
8.17 ROM Timing (C280x only)
8.17.1 ROM/OTP Access Timing
PARAMETER
MIN
MAX
UNIT
ta(rp)
Paged ROM access time
19
ns
ta(rr)
Random ROM access time
19
ns
ta(ROM)
ROM (OTP area) access time (1)
60
ns
(1)
In C280x devices, a 1K X 16 ROM block replaces the OTP block found in Flash devices.
Table 8-3. ROM/ROM (OTP area) Minimum Required
Wait-States at Different Frequencies
SYSCLKOUT
(MHz)
SYSCLKOUT
(ns)
PAGE WAIT-
STATE
RANDOM WAIT-
STATE(1)
100
10
1
1
75
13.33
1
1
50
20
0
1
30
33.33
0
1
25
40
0
1
15
66.67
0
1
4
250
0
1
(1)
Random wait-state must be greater than or equal to 1.
Equations to compute the page wait-state and random wait-state in Table 8-3 are as follows:
+
t
a(rp)
t
c(SCO)
* 1 (round up to the next highest integer) or 0, whichever is larger
+
t
a(rr)
t
c(SCO)
* 1 (round up to the next highest integer) or 1, whichever is larger
ROM Page Wait-State
ROM Random Wait-State
www.ti.com
TMS320F2809, TMS320F2808, TMS320F2806, TMS320F2802, TMS320F2801, TMS320C2802,
TMS320C2801, TMS320F28016, TMS320F28015
SPRS230P – OCTOBER 2003 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
67
Product Folder Links: TMS320F2809 TMS320F2808 TMS320F2806 TMS320F2802 TMS320F2801
TMS320C2802 TMS320C2801 TMS320F28016 TMS320F28015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com