Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2808NMFS Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2808NMFS
Description  TMS320F280x, TMS320C280x, TMS320F2801x digital signal processors
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2808NMFS Datasheet(HTML) 68 Page - Texas Instruments

Back Button TMS320F2808NMFS Datasheet HTML 64Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 65Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 66Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 67Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 68Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 69Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 70Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 71Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 155 page
background image
9 Detailed Description
9.1 Brief Descriptions
9.1.1 C28x CPU
The C28x DSP generation is the newest member of the TMS320C2000™ DSP platform. The C28x is a very
efficient C/C++ engine, enabling users to develop not only their system control software in a high-level language,
but also enables math algorithms to be developed using C/C++. The C28x is as efficient in DSP math tasks as it
is in system control tasks that typically are handled by microcontroller devices. This efficiency removes the need
for a second processor in many systems. The 32 x 32-bit MAC capabilities of the C28x and its 64-bit processing
capabilities, enable the C28x to efficiently handle higher numerical resolution problems that would otherwise
demand a more expensive floating-point processor solution. Add to this the fast interrupt response with
automatic context save of critical registers, resulting in a device that is capable of servicing many asynchronous
events with minimal latency. The C28x has an 8-level-deep protected pipeline with pipelined memory accesses.
This pipelining enables the C28x to execute at high speeds without resorting to expensive high-speed memories.
Special branch-look-ahead hardware minimizes the latency for conditional discontinuities. Special store
conditional operations further improve performance.
9.1.2 Memory Bus (Harvard Bus Architecture)
As with many DSP type devices, multiple busses are used to move data between the memories and peripherals
and the CPU. The C28x memory bus architecture contains a program read bus, data read bus and data write
bus. The program read bus consists of 22 address lines and 32 data lines. The data read and write busses
consist of 32 address lines and 32 data lines each. The 32-bit-wide data busses enable single cycle 32-bit
operations. The multiple bus architecture, commonly termed Harvard Bus, enables the C28x to fetch an
instruction, read a data value and write a data value in a single cycle. All peripherals and memories attached to
the memory bus will prioritize memory accesses. Generally, the priority of memory bus accesses can be
summarized as follows:
Highest:
Data Writes
(Simultaneous data and program writes cannot occur on the memory bus.)
Program Writes
(Simultaneous data and program writes cannot occur on the memory bus.)
Data Reads
Program Reads
(Simultaneous program reads and fetches cannot occur on the memory bus.)
Lowest:
Fetches
(Simultaneous program reads and fetches cannot occur on the memory bus.)
9.1.3 Peripheral Bus
To enable migration of peripherals between various Texas Instruments (TI) DSP family of devices, the 280x
devices adopt a peripheral bus standard for peripheral interconnect. The peripheral bus bridge multiplexes the
various busses that make up the processor Memory Bus into a single bus consisting of 16 address lines and 16
or 32 data lines and associated control signals. Two versions of the peripheral bus are supported on the 280x.
One version only supports 16-bit accesses (called peripheral frame 2). The other version supports both 16- and
32-bit accesses (called peripheral frame 1).
TMS320F2809, TMS320F2808, TMS320F2806, TMS320F2802, TMS320F2801, TMS320C2802,
TMS320C2801, TMS320F28016, TMS320F28015
SPRS230P – OCTOBER 2003 – REVISED FEBRUARY 2021
www.ti.com
68
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F2809 TMS320F2808 TMS320F2806 TMS320F2802 TMS320F2801
TMS320C2802 TMS320C2801 TMS320F28016 TMS320F28015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com