Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2808NMFS Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2808NMFS
Description  TMS320F280x, TMS320C280x, TMS320F2801x digital signal processors
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2808NMFS Datasheet(HTML) 69 Page - Texas Instruments

Back Button TMS320F2808NMFS Datasheet HTML 65Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 66Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 67Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 68Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 69Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 70Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 71Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 72Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 155 page
background image
9.1.4 Real-Time JTAG and Analysis
The 280x implements the standard IEEE 1149.1 JTAG interface. Additionally, the 280x supports real-time mode
of operation whereby the contents of memory, peripheral and register locations can be modified while the
processor is running and executing code and servicing interrupts. The user can also single step through non-
time critical code while enabling time-critical interrupts to be serviced without interference. The 280x implements
the real-time mode in hardware within the CPU. This is a unique feature to the 280x, no software monitor is
required. Additionally, special analysis hardware is provided which allows the user to set hardware breakpoint or
data/address watch-points and generate various user-selectable break events when a match occurs.
9.1.5 Flash
The F2809 contains 128K x 16 of embedded flash memory, segregated into eight 16K x 16 sectors. The F2808
contains 64K x 16 of embedded flash memory, segregated into four 16K x 16 sectors. The F2806 and F2802
have 32K x 16 of embedded flash, segregated into four 8K x 16 sectors. The F2801 device contains 16K x 16 of
embedded flash, segregated into four 4K x 16 sectors. All five devices also contain a single 1K x 16 of OTP
memory at address range 0x3D 7800 – 0x3D 7BFF. The user can individually erase, program, and validate a
flash sector while leaving other sectors untouched. However, it is not possible to use one sector of the flash or
the OTP to execute flash algorithms that erase/program other sectors. Special memory pipelining is provided to
enable the flash module to achieve higher performance. The flash/OTP is mapped to both program and data
space; therefore, it can be used to execute code or store data information. Note that addresses 0x3F7FF0 –
0x3F7FF5 are reserved for data variables and should not contain program code.
Note
The F2809/F2808/F2806/F2802/F2801 Flash and OTP wait-states can be configured by the
application. This allows applications running at slower frequencies to configure the flash to use fewer
wait-states.
Flash effective performance can be improved by enabling the flash pipeline mode in the Flash options
register. With this mode enabled, effective performance of linear code execution will be much faster
than the raw performance indicated by the wait-state configuration alone. The exact performance gain
when using the Flash pipeline mode is application-dependent.
For more information on the Flash options, Flash wait-state, and OTP wait-state registers, see the
TMS320x280x, 2801x, 2804x DSP system control and interrupts reference guide.
9.1.6 ROM
The C2802 contains 32K x 16 of ROM, while the C2801 contains 16K x 16 of ROM.
Note
Requests for ROM devices are not accepted by TI anymore.
9.1.7 M0, M1 SARAMs
All 280x devices contain these two blocks of single-access memory, each 1K x 16 in size. The stack pointer
points to the beginning of block M1 on reset. The M0 and M1 blocks, like all other memory blocks on C28x
devices, are mapped to both program and data space. Hence, the user can use M0 and M1 to execute code or
for data variables. The partitioning is performed within the linker. The C28x device presents a unified memory
map to the programmer. This makes for easier programming in high-level languages.
www.ti.com
TMS320F2809, TMS320F2808, TMS320F2806, TMS320F2802, TMS320F2801, TMS320C2802,
TMS320C2801, TMS320F28016, TMS320F28015
SPRS230P – OCTOBER 2003 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
69
Product Folder Links: TMS320F2809 TMS320F2808 TMS320F2806 TMS320F2802 TMS320F2801
TMS320C2802 TMS320C2801 TMS320F28016 TMS320F28015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com