Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2808NMFS Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2808NMFS
Description  TMS320F280x, TMS320C280x, TMS320F2801x digital signal processors
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2808NMFS Datasheet(HTML) 52 Page - Texas Instruments

Back Button TMS320F2808NMFS Datasheet HTML 48Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 49Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 50Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 51Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 52Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 53Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 54Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 55Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 155 page
background image
8.14.4.5 Serial Peripheral Interface (SPI) Timing
This section contains both Master Mode and Slave Mode timing data.
8.14.4.5.1 SPI Master Mode Timing
Section 8.14.4.5.1.1 lists the master mode timing (clock phase = 0) and Section 8.14.4.5.1.2 lists the master
mode timing (clock phase = 1). Figure 8-18 and Figure 8-19 show the timing waveforms.
8.14.4.5.1.1 SPI Master Mode External Timing (Clock Phase = 0)
NO.(5)
(4) (3) (2)
(1)
PARAMETER
BRR EVEN
BRR ODD
UNIT
MIN
MAX
MIN
MAX
1
tc(SPC)M
Cycle time, SPICLK
4tc(LSPCLK)
128tc(LSPCLK)
5tc(LSPCLK)
127tc(LSPCLK)
ns
2
tw(SPC1)M
Pulse duration, SPICLK first
pulse
0.5tc(SPC)M – 10
0.5tc(SPC)M + 10
0.5tc(SPC)M + 0.5tc(LSPCLK)
– 10
0.5tc(SPC)M +
0.5tc(LSPCLK) + 10
ns
3
tw(SPC2)M
Pulse duration, SPICLK second
pulse
0.5tc(SPC)M – 10
0.5tc(SPC)M + 10
0.5tc(SPC)M – 0.5tc(LSPCLK)
– 10
0.5tc(SPC)M –
0.5tc(LSPCLK) + 10
ns
4
td(SIMO)M
Delay time, SPICLK to
SPISIMO valid
10
10
ns
5
tv(SIMO)M
Valid time, SPISIMO valid after
SPICLK
0.5tc(SPC)M – 10
0.5tc(SPC)M – 0.5tc(LSPCLK)
– 10
ns
8
tsu(SOMI)M
Setup time, SPISOMI before
SPICLK
35
35
ns
9
th(SOMI)M
Hold time, SPISOMI valid after
SPICLK
0
0
ns
23
td(SPC)M
Delay time, SPISTE active to
SPICLK
1.5tc(SPC)M –
3tc(SYSCLK) – 10
1.5tc(SPC)M –
3tc(SYSCLK) – 10
ns
24
td(STE)M
Delay time, SPICLK to SPISTE
inactive
0.5tc(SPC)M – 10
0.5tc(SPC)M – 0.5tc(LSPCLK)
– 10
ns
(1)
The MASTER / SLAVE bit (SPICTL.2) is set and the CLOCK PHASE bit (SPICTL.3) is cleared.
(2)
tc(SPC) = SPI clock cycle time = LSPCLK/4 or LSPCLK/(SPIBRR +1)
(3)
tc(LCO) = LSPCLK cycle time
(4)
Internal clock prescalers must be adjusted such that the SPI clock speed is limited to the following SPI clock rate:
Master mode transmit 25-MHz MAX, master mode receive 12.5-MHz MAX
Slave mode transmit 12.5-MAX, slave mode receive 12.5-MHz MAX.
(5)
The active edge of the SPICLK signal referenced is controlled by the clock polarity bit (SPICCR.6).
TMS320F2809, TMS320F2808, TMS320F2806, TMS320F2802, TMS320F2801, TMS320C2802,
TMS320C2801, TMS320F28016, TMS320F28015
SPRS230P – OCTOBER 2003 – REVISED FEBRUARY 2021
www.ti.com
52
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F2809 TMS320F2808 TMS320F2806 TMS320F2802 TMS320F2801
TMS320C2802 TMS320C2801 TMS320F28016 TMS320F28015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com