Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2808NMFS Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2808NMFS
Description  TMS320F280x, TMS320C280x, TMS320F2801x digital signal processors
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2808NMFS Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMS320F2808NMFS Datasheet HTML 12Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 13Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 14Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 15Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 16Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 17Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 18Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 19Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 155 page
background image
Table 7-1. Signal Descriptions (continued)
NAME
PIN NO.
DESCRIPTION (1)
PZ
PIN #
GGM/
ZGM
BALL #
CPU AND I/O POWER PINS
VDDA2
15
F2
ADC Analog Power Pin (3.3 V)
VSSA2
14
F1
ADC Analog Ground Pin
VDDAIO
26
J2
ADC Analog I/O Power Pin (3.3 V)
VSSAIO
25
K1
ADC Analog I/O Ground Pin
VDD1A18
12
E4
ADC Analog Power Pin (1.8 V)
VSS1AGND
13
E5
ADC Analog Ground Pin
VDD2A18
40
J6
ADC Analog Power Pin (1.8 V)
VSS2AGND
39
K6
ADC Analog Ground Pin
VDD
10
E2
CPU and Logic Digital Power Pins (1.8 V)
VDD
42
G6
VDD
59
F10
VDD
68
D7
VDD
85
B6
VDD
93
D4
VDDIO
3
C2
Digital I/O Power Pin (3.3 V)
VDDIO
46
H7
VDDIO
65
E9
VDDIO
82
A7
VSS
2
B1
Digital Ground Pins
VSS
11
E3
VSS
41
H6
VSS
49
K9
VSS
55
H10
VSS
62
F7
VSS
69
D10
VSS
77
A9
VSS
87
D6
VSS
89
A5
VSS
94
A4
GPIOA AND PERIPHERAL SIGNALS (2) (3)
GPIO0
EPWM1A
-
-
47
K8
General-purpose input/output 0 (I/O/Z) (4)
Enhanced PWM1 Output A and HRPWM channel (O)
-
-
GPIO1
EPWM1B
SPISIMOD
-
44
K7
General-purpose input/output 1 (I/O/Z)(4)
Enhanced PWM1 Output B (O)
SPI-D slave in, master out (I/O) (not available on 2801, 2802)
-
GPIO2
EPWM2A
-
-
45
J7
General-purpose input/output 2 (I/O/Z)(4)
Enhanced PWM2 Output A and HRPWM channel (O)
-
-
TMS320F2809, TMS320F2808, TMS320F2806, TMS320F2802, TMS320F2801, TMS320C2802,
TMS320C2801, TMS320F28016, TMS320F28015
SPRS230P – OCTOBER 2003 – REVISED FEBRUARY 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F2809 TMS320F2808 TMS320F2806 TMS320F2802 TMS320F2801
TMS320C2802 TMS320C2801 TMS320F28016 TMS320F28015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com