Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2808NMFS Datasheet(PDF) 99 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2808NMFS
Description  TMS320F280x, TMS320C280x, TMS320F2801x digital signal processors
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2808NMFS Datasheet(HTML) 99 Page - Texas Instruments

Back Button TMS320F2808NMFS Datasheet HTML 95Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 96Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 97Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 98Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 99Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 100Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 101Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 102Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 155 page
background image
The SPI port operation is configured and controlled by the registers listed in Table 9-11 through Table 9-14 .
Table 9-11. SPI-A Registers
NAME
ADDRESS
SIZE (x16)
DESCRIPTION(1)
SPICCR
0x7040
1
SPI-A Configuration Control Register
SPICTL
0x7041
1
SPI-A Operation Control Register
SPISTS
0x7042
1
SPI-A Status Register
SPIBRR
0x7044
1
SPI-A Baud Rate Register
SPIRXEMU
0x7046
1
SPI-A Receive Emulation Buffer Register
SPIRXBUF
0x7047
1
SPI-A Serial Input Buffer Register
SPITXBUF
0x7048
1
SPI-A Serial Output Buffer Register
SPIDAT
0x7049
1
SPI-A Serial Data Register
SPIFFTX
0x704A
1
SPI-A FIFO Transmit Register
SPIFFRX
0x704B
1
SPI-A FIFO Receive Register
SPIFFCT
0x704C
1
SPI-A FIFO Control Register
SPIPRI
0x704F
1
SPI-A Priority Control Register
(1)
Registers in this table are mapped to Peripheral Frame 2. This space only allows 16-bit accesses. 32-bit accesses produce undefined
results.
Table 9-12. SPI-B Registers
NAME
ADDRESS
SIZE (x16)
DESCRIPTION(1)
SPICCR
0x7740
1
SPI-B Configuration Control Register
SPICTL
0x7741
1
SPI-B Operation Control Register
SPISTS
0x7742
1
SPI-B Status Register
SPIBRR
0x7744
1
SPI-B Baud Rate Register
SPIRXEMU
0x7746
1
SPI-B Receive Emulation Buffer Register
SPIRXBUF
0x7747
1
SPI-B Serial Input Buffer Register
SPITXBUF
0x7748
1
SPI-B Serial Output Buffer Register
SPIDAT
0x7749
1
SPI-B Serial Data Register
SPIFFTX
0x774A
1
SPI-B FIFO Transmit Register
SPIFFRX
0x774B
1
SPI-B FIFO Receive Register
SPIFFCT
0x774C
1
SPI-B FIFO Control Register
SPIPRI
0x774F
1
SPI-B Priority Control Register
(1)
Registers in this table are mapped to Peripheral Frame 2. This space only allows 16-bit accesses. 32-bit accesses produce undefined
results.
www.ti.com
TMS320F2809, TMS320F2808, TMS320F2806, TMS320F2802, TMS320F2801, TMS320C2802,
TMS320C2801, TMS320F28016, TMS320F28015
SPRS230P – OCTOBER 2003 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
99
Product Folder Links: TMS320F2809 TMS320F2808 TMS320F2806 TMS320F2802 TMS320F2801
TMS320C2802 TMS320C2801 TMS320F28016 TMS320F28015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com