Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2808NMFS Datasheet(PDF) 94 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2808NMFS
Description  TMS320F280x, TMS320C280x, TMS320F2801x digital signal processors
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2808NMFS Datasheet(HTML) 94 Page - Texas Instruments

Back Button TMS320F2808NMFS Datasheet HTML 90Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 91Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 92Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 93Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 94Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 95Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 96Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 97Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 155 page
background image
The CAN registers listed in Table 9-8 are used by the CPU to configure and control the CAN controller and the
message objects. eCAN control registers only support 32-bit read/write operations. Mailbox RAM can be
accessed as 16 bits or 32 bits. 32-bit accesses are aligned to an even boundary.
Table 9-8. CAN Register Map
REGISTER
NAME(1)
eCAN-A
ADDRESS
eCAN-B
ADDRESS
SIZE
(x32)
DESCRIPTION
CANME
0x6000
0x6200
1
Mailbox enable
CANMD
0x6002
0x6202
1
Mailbox direction
CANTRS
0x6004
0x6204
1
Transmit request set
CANTRR
0x6006
0x6206
1
Transmit request reset
CANTA
0x6008
0x6208
1
Transmission acknowledge
CANAA
0x600A
0x620A
1
Abort acknowledge
CANRMP
0x600C
0x620C
1
Receive message pending
CANRML
0x600E
0x620E
1
Receive message lost
CANRFP
0x6010
0x6210
1
Remote frame pending
CANGAM
0x6012
0x6212
1
Global acceptance mask
CANMC
0x6014
0x6214
1
Master control
CANBTC
0x6016
0x6216
1
Bit-timing configuration
CANES
0x6018
0x6218
1
Error and status
CANTEC
0x601A
0x621A
1
Transmit error counter
CANREC
0x601C
0x621C
1
Receive error counter
CANGIF0
0x601E
0x621E
1
Global interrupt flag 0
CANGIM
0x6020
0x6220
1
Global interrupt mask
CANGIF1
0x6022
0x6222
1
Global interrupt flag 1
CANMIM
0x6024
0x6224
1
Mailbox interrupt mask
CANMIL
0x6026
0x6226
1
Mailbox interrupt level
CANOPC
0x6028
0x6228
1
Overwrite protection control
CANTIOC
0x602A
0x622A
1
TX I/O control
CANRIOC
0x602C
0x622C
1
RX I/O control
CANTSC
0x602E
0x622E
1
Time stamp counter (Reserved in SCC mode)
CANTOC
0x6030
0x6230
1
Time-out control (Reserved in SCC mode)
CANTOS
0x6032
0x6232
1
Time-out status (Reserved in SCC mode)
(1)
These registers are mapped to Peripheral Frame 1.
TMS320F2809, TMS320F2808, TMS320F2806, TMS320F2802, TMS320F2801, TMS320C2802,
TMS320C2801, TMS320F28016, TMS320F28015
SPRS230P – OCTOBER 2003 – REVISED FEBRUARY 2021
www.ti.com
94
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F2809 TMS320F2808 TMS320F2806 TMS320F2802 TMS320F2801
TMS320C2802 TMS320C2801 TMS320F28016 TMS320F28015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com