Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2808NMFS Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2808NMFS
Description  TMS320F280x, TMS320C280x, TMS320F2801x digital signal processors
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2808NMFS Datasheet(HTML) 63 Page - Texas Instruments

Back Button TMS320F2808NMFS Datasheet HTML 59Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 60Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 61Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 62Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 63Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 64Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 65Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 66Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 155 page
background image
8.15.4 Sequential Sampling Mode (Single-Channel) (SMODE = 0)
In sequential sampling mode, the ADC can continuously convert input signals on any of the channels (Ax to Bx).
The ADC can start conversions on event triggers from the ePWM, software trigger, or from an external ADCSOC
signal. If the SMODE bit is 0, the ADC will do conversions on the selected channel on every Sample/Hold pulse.
The conversion time and latency of the Result register update are explained below. The ADC interrupt flags are
set a few SYSCLKOUT cycles after the Result register update. The selected channels will be sampled at every
falling edge of the Sample/Hold pulse. The Sample/Hold pulse width can be programmed to be 1 ADC clock
wide (minimum) or 16 ADC clocks wide (maximum).
Analog Input on
Channel Ax or Bx
ADC Clock
Sample and Hold
SH Pulse
SMODE Bit
tdschx_n
tdschx_n+1
Sample n
Sample n+1
Sample n+2
tSH
ADC Event Trigger from
ePWM or Other Sources
td(SH)
Figure 8-25. Sequential Sampling Mode (Single-Channel) Timing
8.15.4.1 Sequential Sampling Mode Timing
SAMPLE n
SAMPLE n + 1
AT 12.5 MHz
ADC CLOCK,
tc(ADCCLK) = 80 ns
REMARKS
td(SH)
Delay time from event trigger to
sampling
2.5tc(ADCCLK)
tSH
Sample/Hold width/Acquisition
Width
(1 + Acqps) *
tc(ADCCLK)
80 ns with Acqps = 0
Acqps value = 0–15
ADCTRL1[8:11]
td(schx_n)
Delay time for first result to appear
in Result register
4tc(ADCCLK)
320 ns
td(schx_n+1)
Delay time for successive results to
appear in Result register
(2 + Acqps) *
tc(ADCCLK)
160 ns
www.ti.com
TMS320F2809, TMS320F2808, TMS320F2806, TMS320F2802, TMS320F2801, TMS320C2802,
TMS320C2801, TMS320F28016, TMS320F28015
SPRS230P – OCTOBER 2003 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
63
Product Folder Links: TMS320F2809 TMS320F2808 TMS320F2806 TMS320F2802 TMS320F2801
TMS320C2802 TMS320C2801 TMS320F28016 TMS320F28015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com