Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2808NMFS Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2808NMFS
Description  TMS320F280x, TMS320C280x, TMS320F2801x digital signal processors
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2808NMFS Datasheet(HTML) 85 Page - Texas Instruments

Back Button TMS320F2808NMFS Datasheet HTML 81Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 82Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 83Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 84Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 85Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 86Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 87Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 88Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 155 page
background image
Result Registers
EPWMSOCB
S/W
ADC Control Registers
70B7h
70B0h
70AFh
70A8h
Result Reg 15
Result Reg 8
Result Reg 7
Result Reg 1
Result Reg 0
12-Bit
ADC
Module
Analog
MUX
EPWMSOCA
S/W
GPIO/XINT2_
ADCSOC
ADCINA0
ADCINA7
ADCINB0
ADCINB7
System
Control Block
High-Speed
Prescaler
HSPCLK
ADCENCLK
DSP
SYSCLKOUT
S/H
S/H
HALT
Sequencer 2
Sequencer 1
SOC
SOC
Figure 9-7. Block Diagram of the ADC Module
To obtain the specified accuracy of the ADC, proper board layout is very critical. To the best extent possible,
traces leading to the ADCIN pins should not run in close proximity to the digital signal paths. This is to minimize
switching noise on the digital lines from getting coupled to the ADC inputs. Furthermore, proper isolation
techniques must be used to isolate the ADC module power pins (VDD1A18, VDD2A18, VDDA2, VDDAIO) from the
digital supply. Figure 9-8 and Figure 9-9 show the ADC pin connections for the 280x devices.
Note
1. The ADC registers are accessed at the SYSCLKOUT rate. The internal timing of the ADC module
is controlled by the high-speed peripheral clock (HSPCLK).
2. The behavior of the ADC module based on the state of the ADCENCLK and HALT signals is as
follows:
• ADCENCLK: On reset, this signal will be low. While reset is active-low ( XRS) the clock to the
register will still function. This is necessary to make sure all registers and modes go into their
default reset state. The analog module, however, will be in a low-power inactive state. As soon
as reset goes high, then the clock to the registers will be disabled. When the user sets the
ADCENCLK signal high, then the clocks to the registers will be enabled and the analog module
will be enabled. There will be a certain time delay (ms range) before the ADC is stable and can
be used.
• HALT: This mode only affects the analog module. It does not affect the registers. In this mode,
the ADC module goes into low-power mode. This mode also will stop the clock to the CPU,
which will stop the HSPCLK; therefore, the ADC register logic will be turned off indirectly.
Figure 9-8 shows the ADC pin-biasing for internal reference and Figure 9-9 shows the ADC pin-biasing for
external reference.
www.ti.com
TMS320F2809, TMS320F2808, TMS320F2806, TMS320F2802, TMS320F2801, TMS320C2802,
TMS320C2801, TMS320F28016, TMS320F28015
SPRS230P – OCTOBER 2003 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
85
Product Folder Links: TMS320F2809 TMS320F2808 TMS320F2806 TMS320F2802 TMS320F2801
TMS320C2802 TMS320C2801 TMS320F28016 TMS320F28015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com