Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMX7ULPIECB2 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # IMX7ULPIECB2
Description  i.MX 7ULP Applications Processor-Industrial
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPIECB2 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button IMX7ULPIECB2 Datasheet HTML 36Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 37Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 38Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 39Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 40Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 41Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 42Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 43Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 112 page
background image
Table 6. Estimated maximum supply currents (continued)
Power rail
Conditions
Maximum currents
Unit
VDD_PTA
1.8 V or 3.3 V
Use Maximum IO equation2
mA
VDD_PTC
1.8 V or 3.3 V
Use Maximum IO equation2
mA
VDD_PTD
1.8 V or 3.3 V
Use Maximum IO equation2
mA
VDD_PTE
1.8 V or 3.3 V
Use Maximum IO equation2
mA
VDD_PTF
1.8 V or 3.3 V
Use Maximum IO equation2
mA
VDD_DDR
1.2 V
Use Maximum IO equation2
mA
VDD_HSIC
1.2 V
Use Maximum IO equation2
mA
VDD_ANA33
3.3 V
3
µA
VDD_USB33
3.3 V
Full speed mode
28
mA
1. VDD_PMC18, VDD18_IOREF and VDD_PTB are connected internally and, as such, must be driven from the same
source.
2. General equation for estimated, maximum power consumption of an I/O power supply: Imax = N × C × V × (0.5 × F)
Where:
N = Number of I/O pins supplied by the power line
C = Equivalent external capacitive load
V = I/O voltage
(0.5 x F) = Data change rate
In this equation, Imax is in amps, C in farads, V in volts, and F in hertz.
NOTE
For additional power information, see the application
note, AN12573: i.MX 7ULP Power Consumption
Measurement.
7.2 System clocks
7.2.1 Clock modules
7.2.1.1 Fast IRC (FIRC) specifications
Table 7. FIRC specifications with 48 MHz internal reference frequency
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
firc48m
Internal reference frequency
—
48
—
MHz
Δfirc48m_ol_lv Open loop total deviation of IRC48M frequency
-1.5
—
1.5
%firc48m
Table continues on the next page...
System specifications
40
i.MX 7ULP Applications Processor—Industrial, Rev. 1, 07/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com