Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMX7ULPIECB2 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # IMX7ULPIECB2
Description  i.MX 7ULP Applications Processor-Industrial
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPIECB2 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button IMX7ULPIECB2 Datasheet HTML 51Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 52Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 53Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 54Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 55Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 56Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 57Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 58Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 112 page
background image
Table 24. STGPIO rise and fall time (PTD) (continued)
Symbol
Parameter
Condition
Min Typ
Max
Unit Notes
τrf
transition
time
Low Voltage Range
VDD_PTx = 1.71–1.98
Volts
CL = 25pF Slow Slew Rate
7.4
ns
Standard Slew
Rate
0.8
ns
1. VDD1P8 = 1.8V
7.5.3.3 GPIO output buffer maximum frequency
Table 25. GPIO output buffer maximum frequency
Symbol
Parameter
Condition
Min
Max
Unit
Mfreq (low drive low slew)
Maximum
Frequency
VDD_PTx = 1.65 - 1.95 V, CL = 5pf
—
120
MHz
VDD_PTx = 1.65 - 1.95 V, CL = 10pf
—
100
MHz
VDD_PTx = 1.65 - 1.95 V, CL = 40pf
—
50
MHz
VDD_PTx = 2.7 - 3.6 V, CL = 5pf
—
115
MHz
VDD_PTx = 2.7 - 3.6 V, CL = 10pf
—
95
MHz
VDD_PTx = 2.7 - 3.6 V, CL = 40pf
—
40
MHz
Mfreq (low drive high slew)
Maximum
Frequency
VDD_PTx = 1.65 - 1.95 V, CL = 5pf
—
185
MHz
VDD_PTx = 1.65 - 1.95 V, CL = 10pf
—
145
MHz
VDD_PTx = 1.65 - 1.95 V, CL = 40pf
—
50
MHz
VDD_PTx = 2.7 - 3.6 V, CL = 5pf
—
170
MHz
VDD_PTx = 2.7 - 3.6 V, CL = 10pf
—
130
MHz
VDD_PTx = 2.7 - 3.6 V, CL = 40pf
—
40
MHz
Mfreq (high drive low slew)
Maximum
Frequency
VDD_PTx = 1.65 - 1.95 V, CL = 5pf
—
140
MHz
VDD_PTx = 1.65 - 1.95 V, CL = 10pf
—
125
MHz
VDD_PTx = 1.65 - 1.95 V, CL = 40pf
—
85
MHz
VDD_PTx = 2.7 - 3.6 V, CL = 5pf
—
130
MHz
VDD_PTx = 2.7 - 3.6 V, CL = 10pf
—
115
MHz
VDD_PTx = 2.7 - 3.6 V, CL = 40pf
—
70
MHz
Mfreq (high drive high slew) Maximum
Frequency
VDD_PTx = 1.65 - 1.95 V, CL = 5pf
—
235
MHz
VDD_PTx = 1.65 - 1.95 V, CL = 10pf
—
200
MHz
VDD_PTx = 1.65 - 1.95 V, CL = 40pf
—
100
MHz
VDD_PTx = 2.7 - 3.6 V, CL = 5pf
—
215
MHz
VDD_PTx = 2.7 - 3.6 V, CL = 10pf
—
185
MHz
VDD_PTx = 2.7 - 3.6 V, CL = 40pf
—
80
MHz
7.5.4 Debug and trace modules
System specifications
i.MX 7ULP Applications Processor—Industrial, Rev. 1, 07/2021
55
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com