Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMX7ULPIECB2 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # IMX7ULPIECB2
Description  i.MX 7ULP Applications Processor-Industrial
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPIECB2 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button IMX7ULPIECB2 Datasheet HTML 49Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 50Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 51Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 52Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 53Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 54Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 55Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 56Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 112 page
background image
Table 19. GPIO DC Electrical Requirements (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Vol (High Drive)
Low Level Output
Voltage
VDD_PTx = 1.72 - 1.95 V
Ioh = 5.8mA
0.2*VDD_PTx
V
VDD_PTx = 2.7 - 3.6 V
Ioh = 8mA
0.2*VDD_PTx
V
Ioz
Output Hi-Z current
-5
5
µA
7.5.2.1.1 GPIO Pull-up and Pull-Down Resistance
Table 20. Failsafe GPIO (FSGPIO) pull-up and pull-down resistance (PTA, PTB, PTC, PTE
and PTF)
Symbol
Parameter
Min
Max
Unit
R Pull up
Pull-up resistance
25
50
kΩ
R Pull down
Pulldown resistance
25
50
kΩ
Table 21. Standard GPIO (STGPIO) pull-up and pull-down resistance (PTD)
Symbol
Parameter
Min
Max
Unit
R Pull up
Pull-up resistance, high voltage range (2.7 V – 3.6 V)
10
100
kΩ
Pull-up resistance, Low voltage range (1.71 V – 1.89 V)
20
50
kΩ
R Pull down
Pull-down resistance, High voltage range (2.7 V – 3.6 V)
10
100
kΩ
Pull-down resistance, Low voltage range (1.71 V – 1.89 V)
20
50
kΩ
7.5.2.2 Capacitance attributes
See the device IBIS model for pin capacitance values for the package being used.
7.5.3 Switching electrical characteristics
7.5.3.1 General switching timing specifications
These general purpose specifications apply to all signals configured for GPIO, UART,
and timer functions.
System specifications
i.MX 7ULP Applications Processor—Industrial, Rev. 1, 07/2021
53
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com