Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMX7ULPIECB2 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # IMX7ULPIECB2
Description  i.MX 7ULP Applications Processor-Industrial
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPIECB2 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button IMX7ULPIECB2 Datasheet HTML 39Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 40Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 41Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 42Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 43Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 44Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 45Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 46Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 112 page
background image
Table 13. 32 kHz oscillator frequency specifications (continued)
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
vec_extal32
Externally provided input clock
amplitude
700
—
VDD_VBAT18_CAP
mV
2, 3
1. Proper PC board layout procedures must be followed to achieve specifications.
2. This specification is for an externally supplied clock driven to EXTAL32 and does not apply to any other clock input.
The oscillator remains enabled and XTAL32 must be left unconnected.
3. The parameter specified is a peak-to-peak value and VIH and VIL specifications do not apply. The voltage of the
applied clock must be within the range of VSS to VDD_VBAT18_CAP.
7.2.2 Core, platform, and system bus clock frequency limitations
The clock ratio restrictions among the core, platform and IP bus clocks are listed as
follows:
• A7 core clock frequency is higher than A7 platform clock frequency.
• Clock ratio must be integers between A7 fast platform (NIC0) and A7 slow
platform (NIC1).
NOTE
Use A7 SPLL for core clock and A7 APLL for
DDR/NIC clocks.
• Clock ratio must be integers between A7 slow platform and A7 system IP bus.
• Clock ratio must be integers between M4 core/platform and M4 system IP bus.
• M4 slow clock must be slower and an integer division of M4 system IP bus.
• A7 Slow platform (NIC1) clock frequency should be higher than A7 System IP
bus clock (NIC1_BUS clock).
The following tables show examples of various allowable clock frequencies for the
cores, platforms, system bus, and DDR in different operating modes.
NOTE
The frequencies stated in these tables are typical
configuration and maximum frequencies in a particular
mode. However, since there are multiple clock dividers,
different clock ratios can be achieved.
Table 14. Maximum A7 system clock frequencies1
Configuration
A7 Core
(MHz)
NIC0 (MHz)2
GPU-3D/
GPU-2D (MHz)
DDR (MHz)2 NIC1 (MHz) A7 System IP
Bus (MHz)
eMMC
RUN
500
380.16
400
271.5
190
95
HS200
mode
Table continues on the next page...
System specifications
i.MX 7ULP Applications Processor—Industrial, Rev. 1, 07/2021
43
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com