Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMX7ULPIECB2 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # IMX7ULPIECB2
Description  i.MX 7ULP Applications Processor-Industrial
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPIECB2 Datasheet(HTML) 1 Page - NXP Semiconductors

  IMX7ULPIECB2 Datasheet HTML 1Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 2Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 3Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 4Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 5Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 6Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 7Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 8Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 112 page
background image
i.MX 7ULP Applications
Processor—Industrial
The i.MX 7ULP product family members are optimized for power-
sensitive applications benefiting from NXP's Heterogeneous
Multicore Processing (HMP) architecture. Achieving an efficient
balance between processing power and deterministic processing
needs, the i.MX 7ULP is an asymmetric processor consisting of
two separate processing domains: an application domain and a
real-time domain. The application domain is built around an
ARM® Cortex®-A7 processor with an ARM NEON™ SIMD
engine and floating point unit (FPU) and is optimized for rich OS
based applications. The real-time domain is built around an ARM
Cortex-M4 processor (with FPU) optimized for lowest possible
leakage. Both domains are completely independent, with
separate power, clocking, and peripheral domains, but the bus
fabric of each domain is tightly integrated for efficient communication. The part is streamlined to minimize pin
count, enabling small packages and simple system integration.
i.MX 7ULP features
Feature type
Application processor domain
Real-time processor domain
ARM Processor
Cortex®-A7
Cortex®-M4
• Nominal (RUN) frequency: 500 MHz
• Overdrive (HSRUN) frequency: 650
MHz
• Very Low Power Run (VLPR)
frequency: 48 MHz
• Nominal (RUN) frequency: 120 MHz
• Overdrive (HSRUN) frequency: 200
MHz
• Very Low Power Run (VLPR)
frequency: 48 MHz
Optimized for lowest leakage current
32 KB instruction and data caches
FPU
256 KB L2 cache
MPU
NEON™ SIMD engine
—
FPU
—
On-chip memory
256 KB of RAM
256 KB of tightly coupled RAM allocated into
32 KB switchable blocks
—
8 KB of OTP memory
External memory
interfaces
16/32-bit LPDDR2/LPDDR3 interface
running at 271.5 MHz
Serial flash interface supporting x4 and x8
IOs
eMMC 5.0 interface
—
Security
Secure boot
Secure boot
Table continues on the next page...
MCIMX7U5CVP06SD
MCIMX7U3CVP06SD
Plastic package: BGA 14x14mm, 0.5mm pitch
NXP Semiconductors
IMX7ULPIECB2
Data Sheet: Technical Data
Rev. 1, 07/2021
NXP reserves the right to change the production detail specifications as may be
required to permit improvements in the design of its products.


Similar Part No. - IMX7ULPIECB2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX7ULPCEC NXP-IMX7ULPCEC Datasheet
2Mb / 118P
i.MX 7ULP Applications Processor-Consumer Products
Rev. 0, 06/2019
IMX7ULPCECB2 NXP-IMX7ULPCECB2 Datasheet
2Mb / 122P
i.MX 7ULP Applications Processor-Consumer
Rev. 0, 09/2020
IMX7ULPEVKFS NXP-IMX7ULPEVKFS Datasheet
282Kb / 2P
Evaluation Kit Based on i.MX 7ULP Applications Processors
2018
IMX7ULPWSG NXP-IMX7ULPWSG Datasheet
7Mb / 12P
Based on the i.MX 7ULP Applications Processor
2018
More results

Similar Description - IMX7ULPIECB2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX8MNIEC NXP-IMX8MNIEC Datasheet
1Mb / 89P
i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 0.1, 03/2020
IMX8MMINIFS NXP-IMX8MMINIFS Datasheet
187Kb / 2P
i.MX 8M Mini Applications Processor
IMX7ULPEVKFS NXP-IMX7ULPEVKFS Datasheet
282Kb / 2P
Evaluation Kit Based on i.MX 7ULP Applications Processors
2018
IMX7ULPWSG NXP-IMX7ULPWSG Datasheet
7Mb / 12P
Based on the i.MX 7ULP Applications Processor
2018
IMX7ULPCECB2 NXP-IMX7ULPCECB2 Datasheet
2Mb / 122P
i.MX 7ULP Applications Processor-Consumer
Rev. 0, 09/2020
IMX7ULPCEC NXP-IMX7ULPCEC Datasheet
2Mb / 118P
i.MX 7ULP Applications Processor-Consumer Products
Rev. 0, 06/2019
IMX8MMIEC NXP-IMX8MMIEC Datasheet
994Kb / 92P
i.MX 8M Mini Applications Processor Datasheet for Industrial Products
Rev. 1, 07/2020
IMX8MNIEC NXP-IMX8MNIEC_V01 Datasheet
1Mb / 114P
i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
IMX8MMIEC NXP-IMX8MMIEC_V01 Datasheet
2Mb / 96P
i.MX 8M Mini Applications Processor Datasheet for Industrial Products
Rev. 2, 11/2022
IMX8ULPIEC NXP-IMX8ULPIEC Datasheet
1Mb / 100P
i.MX 8ULP Applications Processor-Industrial Products
Rev. 1 - 09/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com