Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMX7ULPIECB2 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # IMX7ULPIECB2
Description  i.MX 7ULP Applications Processor-Industrial
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPIECB2 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button IMX7ULPIECB2 Datasheet HTML 40Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 41Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 42Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 43Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 44Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 45Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 46Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 47Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 112 page
background image
Table 14. Maximum A7 system clock frequencies1 (continued)
Configuration
A7 Core
(MHz)
NIC0 (MHz)2
GPU-3D/
GPU-2D (MHz)
DDR (MHz)2 NIC1 (MHz) A7 System IP
Bus (MHz)
eMMC
HSRUN
650
400
400 (GPU-2D)/
650 (GPU-3D)
271.5
200
100
HS400
mode
VLPR
48
48
Not operational Not
operational
(DDR in self-
refresh
mode)
48
24
Only 24
MHz
compliant
cards
1. The maximum operating frequency of a given clock must also observe the clock ratio restrictions described in this
section
2. NIC0 and DDR are derived from the same clock.
NOTE
DGO peripherals on the M4 core use the cm4.divslow_clk,
configured by SCG_xCCR[DIVSLOW] in all the modes, with
the maximum frequency of 25 MHz.
.
Table 15. Maximum M4 system clock frequencies1
Configuration
M4 Core/ Platform
(MHz)
Platform (MHz)
M4 System IP Bus
(MHz)
Slow clock (MHz)
RUN
120
120
60
20
HSRUN
200
200
100
25
VLPR
48
48
24
24
1. The maximum operating frequency of a given clock must also observe the clock ratio restrictions described in this
section
7.2.3 Peripheral clock frequencies
The following table lists peripheral clock frequencies and the indication of platform and
IP bus clocks. Some peripherals have a local clock generator that can further divide the
clock, as required, for the desired serial rate.
Table 16. Peripheral clock frequencies
Module
A7 Fast
Platform
Clk
A7 Slow
Platform
Clk
A7 System
IP Bus Clk
M4 Platform
Clk
M4 System
IP Bus Clk
Peripheral
Clock (MHz)
Notes
AIPS-Lite
--
--
--
Yes
Yes
--
Table continues on the next page...
System specifications
44
i.MX 7ULP Applications Processor—Industrial, Rev. 1, 07/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com