Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMX7ULPIECB2 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # IMX7ULPIECB2
Description  i.MX 7ULP Applications Processor-Industrial
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPIECB2 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button IMX7ULPIECB2 Datasheet HTML 67Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 68Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 69Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 70Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 71Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 72Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 73Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 74Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 112 page
background image
8.1.6.1 LPUART
See General switching timing specifications.
8.1.6.2 Inter-Integrated Circuit Interface (I2C) timing
Table 37. I 2C timing (Standard, Fast, and Fast Plus modes)
Parameter
Symbol
Standard Mode
Fast Mode
Fast-mode Plus
Unit
Min
Max
Min
Max
Min
Max
SCL Clock Frequency
fSCL
0
100
0
400
0
1000
kHz
Hold time (repeated) START
condition. After this period, the
first clock pulse is generated.
tHD; STA
4
—
0.6
—
0.26
—
µs
LOW period of the SCL clock
tLOW
4.7
—
1.3
—
0.5
—
µs
HIGH period of the SCL clock
tHIGH
4
—
0.6
—
0.26
—
µs
Set-up time for a repeated
START condition
tSU; STA
4.7
—
0.6
—
0.26
—
µs
Data hold time for I2C bus
devices
tHD; DAT
01
3.452
03
0.91
0
—
µs
Data set-up time
tSU; DAT
2504
—
1002, 5
—
50
—
ns
Rise time of SDA and SCL
signals
tr
—
1000
20
+0.1Cb6
300
20
+0.1Cb7
120
ns
Fall time of SDA and SCL
signals
tf
—
300
20
+0.1Cb5
300
20
+0.1Cb5
120
ns
Set-up time for STOP condition tSU; STO
4
—
0.6
—
0.26
—
µs
Bus free time between STOP
and START condition
tBUF
4.7
—
1.3
—
0.5
—
µs
Pulse width of spikes that must
be suppressed by the input filter
tSP
N/A
N/A
0
50
0
50
ns
1. The master mode I2C deasserts ACK of an address byte simultaneously with the falling edge of SCL. If no slaves
acknowledge this address byte, then a negative hold time can result, depending on the edge rates of the SDA and
SCL lines.
2. The maximum tHD; DAT must be met only if the device does not stretch the LOW period (tLOW) of the SCL signal.
3. Input signal Slew = 10 ns and Output Load = 50 pF
4. Set-up time in slave-transmitter mode is 1 IPBus clock period, if the TX FIFO is empty.
5. A Fast mode I2C bus device can be used in a Standard mode I2C bus system, but the requirement tSU; DAT ≥ 250 ns
must then be met. This is automatically the case if the device does not stretch the LOW period of the SCL signal. If
such a device does stretch the LOW period of the SCL signal, then it must output the next data bit to the SDA line trmax
+ tSU; DAT = 1000 + 250 = 1250 ns (according to the Standard mode I2C bus specification) before the SCL line is
released.
6. Cb = total capacitance of the one bus line in pF.
7. Cb = total capacitance of the one bus line in pF.
Specifications—application domain
i.MX 7ULP Applications Processor—Industrial, Rev. 1, 07/2021
71
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com