Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMX7ULPIECB2 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # IMX7ULPIECB2
Description  i.MX 7ULP Applications Processor-Industrial
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPIECB2 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button IMX7ULPIECB2 Datasheet HTML 48Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 49Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 50Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 51Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 52Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 53Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 54Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 55Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 112 page
background image
• are slew rate disabled, and
• are normal drive strength
7.5.2 Nonswitching electrical characteristics
7.5.2.1 GPIO DC Electrical Requirements
Table 19. GPIO DC Electrical Requirements
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Vtol
Fail-safe I/O tolerance
when pad supply is off
(PTA, PTB, PTC, PTE
and PTF)
VDD_PTx=0
3.6
V
Itol
I/O current when pad
supply is off
VDD_PTx=0 or floating
1
µA
Vih
Input High
VDD_PTx= 1.72 - 1.95 V
0.7*VDD_PTx
V
VDD_PTx = 2.7 - 3.6 V
0.7*VDD_PTx
V
Vil
Input Low
VDD_PTx = 1.72 - 1.95 V
-0.3
0.3*VDD_PTx
V
VDD_PTx = 2.7 - 3.6 V
-0.3
0.7
V
DeltaV
Input Hysterisis
VDD_PTx = 1.72 - 1.95 V
0.15
V
VDD_PTx = 2.7 - 3.6 V
0.15
V
Iih
High level input
current
VDD_PTx = 1.72 - 1.95 V
-1
0.5
1
µA
VDD_PTx = 2.7 - 3.6 V
-1
0.5
1
µA
Iil
Low level input
current
VDD_PTx = 1.72 - 1.95 V
Vin = VSS
-1
1
µA
VDD_PTx = 2.7 - 3.6 V
Vin = VSS
-1
1
µA
Voh (Low Drive)
High Level Output
Voltage
VDD_PTx = 1.72 - 1.95 V
Ioh = -2.9mA
0.8*VDD_PTx
V
VDD_PTx = 2.7 - 3.6 V
Ioh = -4mA
0.8*VDD_PTx
V
Voh (High Drive) High Level Output
Voltage
VDD_PTx = 1.72 - 1.95 V
Ioh = -5.8mA
0.8*VDD_PTx
V
VDD_PTx = 2.7 - 3.6 V
Ioh = -8mA
0.8*VDD_PTx
V
Vol (Low Drive)
Low Level Output
Voltage
VDD_PTx = 1.72 - 1.95 V
Ioh = 2.9mA
0.2*VDD_PTx
V
VDD_PTx = 2.7 - 3.6 V
Ioh = 4mA
0.2*VDD_PTx
V
Table continues on the next page...
System specifications
52
i.MX 7ULP Applications Processor—Industrial, Rev. 1, 07/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com