Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMX7ULPIECB2 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # IMX7ULPIECB2
Description  i.MX 7ULP Applications Processor-Industrial
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPIECB2 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button IMX7ULPIECB2 Datasheet HTML 43Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 44Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 45Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 46Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 47Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 48Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 49Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 50Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 112 page
background image
7.2.4 PLL PFD output
All PLLs on i.MX 7ULP either have VCO base frequency of 480 MHz or 528 MHz.
The following tables show all the possible combination of PFD output supported for
24 MHz input clock.
PFD Output = 18/N x FVCO where N = 12 to 35.
Table 17. PLL PFD output frequencies 1
PLL VCO (MHz)
FRAC (N)
PFD Output (MHz)
480
12
720
480
13
664
480
14
617.142
480
15
576
480
16
540
480
17
508.235
480
18
480
480
19
454.736
480
20
432
480
21
411.428
480
22
392.727
480
23
375.652
480
24
254.117
480
25
345.6
480
26
332.307
480
27
320
480
28
308.571
480
29
297.931
480
30
288
480
31
278.709
480
32
270
480
33
261.818
480
34
254.117
480
35
246.857
1. This table indicates the maximum frequency achievable by different PFD configurations; typical frequencies will limit
the PFD Frac values to be programmed
System specifications
i.MX 7ULP Applications Processor—Industrial, Rev. 1, 07/2021
47
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com