Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMX7ULPIECB2 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # IMX7ULPIECB2
Description  i.MX 7ULP Applications Processor-Industrial
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPIECB2 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button IMX7ULPIECB2 Datasheet HTML 45Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 46Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 47Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 48Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 49Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 50Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 51Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 52Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 112 page
background image
• Settling time of < 100 μsec
• RMS TIE jitter (long-term jitter) < 100 psec
• Frequency update must be smooth with no glitches
7.3 Power sequencing—system
7.3.1 Power-on sequencing
The power-on sequencing requirements for the device are described in this section.
VDD_VBAT42 must be powered and stable before all other supplies begin to ramp
up.
The real-time domain supplies must be powered and stable before RESET0_B is
deasserted. The real-time domain supplies listed below may be powered on in any
order except for those indicating specific sequencing requirements.
• VDD_PMC18_DIG0 and VDD_PMC18 must be powered on together, or
VDD_PMC18 must be powered on first followed by VDD_PMC18_DIG0
• VDD_PLL_18
• VDD_PTA
• VDD_PTB
• VDD18_IOREF
• VREFH_ANA18
• VREFL_ANA
• VDD_ANA18
• VDD_ANA33
The application domain supplies must be powered on and stable before the A7 core
exits reset. The M4 core controls the release of the A7 from reset. The application
domain supplies listed below may be powered on in any order except for those
indicating specific sequencing requirements.
• VDD_PMC12_DIG1
• VDD_PMC11_DIG1_CAP (if using A7 LDO bypass mode)
• VDD_DIG1 (if using A7 LDO bypass mode)
• VDD_PTC
• VDD_PTD and VDD18_IOREF must be powered together, or VDD18_IOREF
powered on first followed by VDD_PTD
• VDD_PTE
System specifications
i.MX 7ULP Applications Processor—Industrial, Rev. 1, 07/2021
49
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com