Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMX7ULPIECB2 Datasheet(PDF) 92 Page - NXP Semiconductors

Part # IMX7ULPIECB2
Description  i.MX 7ULP Applications Processor-Industrial
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPIECB2 Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button IMX7ULPIECB2 Datasheet HTML 88Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 89Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 90Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 91Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 92Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 93Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 94Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 95Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 112 page
background image
Table 57. CMP Characteristics (continued)
Symbol
Description
Condition
Min
Typ
Max
Unit
TDHS
Propagation delay,
high-speed mode
Nominal supply
50
ns
TDHS
Propagation delay,
low-speed mode
5
µs
Analog comparator
initialization delay
20
µs
INL
8B DAC integral non-
linearity
-1
1
LSB
DNL
8B DAC differential
non-linearity
-1
1
LSB
1. The maximum input voltage for CMP analog inputs associated with Port A (PTA) is VDD_PTA. The maximum input
voltage for CMP analog inputs associated with Port B (PTB) is VDD_PTB.
9.2.3 Timer specifications—real-time domain
See General switching timing specifications.
9.2.4 Connectivity and communications specifications—real-time
domain
9.2.4.1 LPUART
See General switching timing specifications.
9.2.4.2 Inter-Integrated Circuit Interface (I2C) timing—real-time domain
See Inter-Integrated Circuit Interface (I2C) timing.
9.2.4.3 LPSPI switching specifications—real-time domain
See Low Power Serial Peripheral Interface (LPSPI) switching specifications—
application domain.
9.2.4.4 I2S/SAI switching specifications
This section provides the AC timing for the I2S/SAI module in master mode (clocks are
driven) and slave mode (clocks are input). All timing is given for noninverted serial
clock polarity (TCR2[BCP] is 0, RCR2[BCP] is 0) and a noninverted frame sync
Specifications—real-time domain
92
i.MX 7ULP Applications Processor—Industrial, Rev. 1, 07/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com