Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMX7ULPIECB2 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # IMX7ULPIECB2
Description  i.MX 7ULP Applications Processor-Industrial
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPIECB2 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button IMX7ULPIECB2 Datasheet HTML 59Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 60Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 61Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 62Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 63Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 64Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 65Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 66Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 112 page
background image
4. To satisfy hold timing, the delay difference between clock input and cmd/data input must not exceed 2 ns.
8.1.2.2 eMMC4.4/4.41 (dual data rate) AC timing
The following figure shows the timing of eMMC4.4/4.41, and the table lists the
eMMC4.4/4.41 timing characteristics. Note that only DATA is sampled on both edges
of the clock (not applicable to CMD).
Figure 12. eMMC4.4/4.41 timing
Table 31. eMMC4.4/4.41 interface timing specifications
ID
Parameter
Symbols
Min
Max
Unit
Card Input Clock
SD1
Clock Frequency (eMMC4.4/4.41
DDR)
fPP
0
52
MHz
SD1
Clock Frequency (SD3.0 DDR)
fPP
0
50
MHz
uSDHC Output / Card Inputs SD_CMD, SDx_DATAx (Reference to CLK)
SD2
uSDHC Output Delay
tOD
-3.3
3.6
ns
uSDHC Input / Card Outputs SD_CMD, SDx_DATAx (Reference to CLK)
SD3
uSDHC Input Setup Time
tISU
7.3
—
ns
SD4
uSDHC Input Hold Time
tIH
1.0
—
ns
8.1.2.3 HS200 mode timing
The following figure depicts the timing of HS200 mode, and the subsequent table lists
the HS200 timing characteristics.
Specifications—application domain
i.MX 7ULP Applications Processor—Industrial, Rev. 1, 07/2021
63
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com