Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMX7ULPIECB2 Datasheet(PDF) 89 Page - NXP Semiconductors

Part # IMX7ULPIECB2
Description  i.MX 7ULP Applications Processor-Industrial
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPIECB2 Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button IMX7ULPIECB2 Datasheet HTML 85Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 86Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 87Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 88Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 89Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 90Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 91Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 92Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 112 page
background image
9.2.2.1.1 12-bit ADC operating conditions
RAS
VAS
CAS
ZAS
VADIN
ZADIN
RADIN
RADIN
RADIN
RADIN
CADIN
Pad
leakage
INPUT PIN
INPUT PIN
INPUT PIN
SIMPLIFIED
INPUT PIN EQUIVALENT
CIRCUIT
SIMPLIFIED
CHANNEL SELECT
CIRCUIT
ADC SAR
ENGINE
Figure 34. ADC input impedance equivalency diagram
9.2.2.2 12-bit DAC electrical characteristics
9.2.2.2.1 12-bit DAC operating requirements
Table 54. 12-bit DAC operating conditions
Symbol
Description
Min
Typ
Max
Unit
Notes
CL
Output load capacitance
—
50
100
pF
1
IL
Output load current
—
—
1
mA
2
1. The DAC output can drive R and C loading. The user should consider both DC and dynamic application requirements.
50pF CL provides the best dynamic performance, while 100pF provides the best DC performance.
2. Sink or source current ability.
Table 55. DAC characteristics
Symbol
Description
Test Conditions
Min
Typ
Max
Units
Notes
VDACOUTL DAC low level output
voltage
VREFH_ANA18 selected,
Rload=18k, Cload=50pF
VSS
—
0.15
V
1
VDACOUTH DAC high level output
voltage
VDD_ANA18
-0.15
—
VDD_
ANA18
Table continues on the next page...
Specifications—real-time domain
i.MX 7ULP Applications Processor—Industrial, Rev. 1, 07/2021
89
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com