Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMX7ULPIECB2 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # IMX7ULPIECB2
Description  i.MX 7ULP Applications Processor-Industrial
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPIECB2 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button IMX7ULPIECB2 Datasheet HTML 60Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 61Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 62Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 63Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 64Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 65Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 66Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 67Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 112 page
background image
SCLK
8-bit output from uSDHC to eMMC
8-bit input from eMMC to uSDHC
'
'
SD3
SD1
SD2
SD4/SD5
SD8
Figure 13. HS200 timing
Table 32. HS200 interface timing specifications
ID
Parameter
Symbols
Min.
Max.
Unit
Card Input clock
SD1
Clock Frequency Period
tCLK
5.0
—
ns
SD2
Clock Low Time
tCL
0.46 × tCLK
0.54 × tCLK
ns
SD3
Clock High Time
tCH
0.46 × tCLK
0.54 × tCLK
ns
uSDHC Output/Card Inputs SD_CMD, SDx_DATAx in HS200 (Reference to CLK)1
SD5
uSDHC Output Delay
tOD
-1.6
0.74
ns
uSDHC Input/Card Outputs SD_CMD, SDx_DATAx in HS200 (Reference to CLK)
SD8
Card Output Data Window
tODW
0.5 x tCLK
—
ns
1. HS200 is for 8 bits while SDR104 is for 4 bits
8.1.2.4 HS400 AC timing—eMMC5.0 only
The following figure depicts the timing of HS400, and the subsequent table lists the
HS400 timing characteristics. Be aware that only data is sampled on both edges of the
clock (not applicable to CMD). The CMD input/output timing for HS400 mode is the
same as CMD input/output timing for SDR104 mode. Check parameters SD5, SD6, and
SD7 in Table 34 for CMD input/output timing for HS400 mode.
Specifications—application domain
64
i.MX 7ULP Applications Processor—Industrial, Rev. 1, 07/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com