Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3916B Datasheet(PDF) 101 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 101 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 97Page - STMicroelectronics ST25R3916B Datasheet HTML 98Page - STMicroelectronics ST25R3916B Datasheet HTML 99Page - STMicroelectronics ST25R3916B Datasheet HTML 100Page - STMicroelectronics ST25R3916B Datasheet HTML 101Page - STMicroelectronics ST25R3916B Datasheet HTML 102Page - STMicroelectronics ST25R3916B Datasheet HTML 103Page - STMicroelectronics ST25R3916B Datasheet HTML 104Page - STMicroelectronics ST25R3916B Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 165 page
background image
DS13541 Rev 7
101/165
ST25R3916B ST25R3917B
Application information
164
4.5.34
Main interrupt register
Register space: A
Address: 1Ah
Type: R
Table 62. Main interrupt register
Bit
Name
Default
Function
Comments
7
I_osc
-
IRQ when oscillator frequency is stable
Set after oscillator is started by setting
Operation control register bit en.
6
I_wl
-
IRQ due to FIFO water level
Set during receive, if more than 300 bytes
are in the FIFO.
Set during transmit, if less than 200 bytes
are in the FIFO.
5
I_rxs
-
IRQ due to start of receive
-
4
I_rxe
-
IRQ due to end of receive
-
3
I_txe
-
IRQ due to end of transmission
-
2
I_col
-
IRQ due to bit collision
-
1
I_rx_rest
-
IRQ due to automatic reception restart
Set when a frame is suppressed as EMD
0RFU
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com