Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3916B Datasheet(PDF) 102 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 102 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 98Page - STMicroelectronics ST25R3916B Datasheet HTML 99Page - STMicroelectronics ST25R3916B Datasheet HTML 100Page - STMicroelectronics ST25R3916B Datasheet HTML 101Page - STMicroelectronics ST25R3916B Datasheet HTML 102Page - STMicroelectronics ST25R3916B Datasheet HTML 103Page - STMicroelectronics ST25R3916B Datasheet HTML 104Page - STMicroelectronics ST25R3916B Datasheet HTML 105Page - STMicroelectronics ST25R3916B Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 165 page
background image
Application information
ST25R3916B ST25R3917B
102/165
DS13541 Rev 7
4.5.35
Timer and NFC interrupt register
Register space: A
Address: 1Bh
Type: R
Table 63. Timer and NFC interrupt register(1)
Bit
Name
Default
Function
Comments
7
I_dct
-
IRQ due to termination of direct
command
-
6
I_nre
-
IRQ due to No-response timer expire
-
5
I_gpe
-
IRQ due to general purpose timer expire
-
4
I_eon
-
IRQ due to detection of external field
higher than Target activation level
-
3
I_eof
-
IRQ due to detection of external field
drop below Target activation level
-
2I_cac
-
IRQ due to detection of collision during
RF Collision Avoidance
I_cac must be cleared before collision
avoidance is performed.
1
I_cat
-
IRQ after minimum guard time expire
An external field was not detected during RF
collision avoidance, field was switched on, IRQ
sent after minimum guard time according to
NFCIP-1.
0I_nfct
-
IRQ when in target mode the initiator bit
rate was recognized
-
1. After register has been read, its content is set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com