Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3916B Datasheet(PDF) 114 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 114 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 110Page - STMicroelectronics ST25R3916B Datasheet HTML 111Page - STMicroelectronics ST25R3916B Datasheet HTML 112Page - STMicroelectronics ST25R3916B Datasheet HTML 113Page - STMicroelectronics ST25R3916B Datasheet HTML 114Page - STMicroelectronics ST25R3916B Datasheet HTML 115Page - STMicroelectronics ST25R3916B Datasheet HTML 116Page - STMicroelectronics ST25R3916B Datasheet HTML 117Page - STMicroelectronics ST25R3916B Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 165 page
background image
Application information
ST25R3916B ST25R3917B
114/165
DS13541 Rev 7
4.5.49
Auxiliary modulation setting register
Register space: B
Address: 28h
Type: RW
Table 79. Auxiliary modulation setting register
Bit
Name
Default
Function
Comments
7
dis_reg_am
0
0: Regulator AM enabled
1: Regulator AM disabled
Uses am_mod<3:0> to set the modulation
index for regulator based AM modulation.
Logic of this bit is inverted. Set to 0 to enable
regulator AM.
0: To be used with act_amsink=1 and big
VDD_AM capacitor (2.2uF)
1: To be used with act_amsink=0 and small
VDD_AM capacitor (10-50nF, depending on RF
load)
6
lm_ext_pol
0
0: Normal polarity
1: Inverse polarity
Normal polarity: LM_EXT pin load modulation
signal is active high.
Inverse polarity: LM_EXT pin load modulation
signal is active low.
5lm_ext
0
0: External load modulation disabled
1: External load modulation enabled
Enables output of load modulation signal on
LM_EXT pin.
4
lm_dri
1
0: Driver load modulation disabled
1: Driver load modulation enabled
Uses Passive target modulation register to set
driver load modulation resistance.
3
res_am
0
0: Resistive AM modulation disabled
1: Resistive AM modulation enabled
Uses md_res<6:0> to configure resistive AM
modulated driver resistance.
2
rgs_am
0
1: Regulator shaped AM modulation
for AWS enabled
0: Regulator shaped AM modulation
for AWS disabled
Set to:
1: When it is used with act_amsink=0 and
small VDD_AM capacitor (10-50 nF,
depending on RF load)
0: In card mode, wake-up mode and
measure amplitude/phase from tx_en=0
1RFU
0
-
-
0RFU
0
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com