Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3916B Datasheet(PDF) 116 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 116 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 112Page - STMicroelectronics ST25R3916B Datasheet HTML 113Page - STMicroelectronics ST25R3916B Datasheet HTML 114Page - STMicroelectronics ST25R3916B Datasheet HTML 115Page - STMicroelectronics ST25R3916B Datasheet HTML 116Page - STMicroelectronics ST25R3916B Datasheet HTML 117Page - STMicroelectronics ST25R3916B Datasheet HTML 118Page - STMicroelectronics ST25R3916B Datasheet HTML 119Page - STMicroelectronics ST25R3916B Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 165 page
background image
Application information
ST25R3916B ST25R3917B
116/165
DS13541 Rev 7
4.5.51
TX driver timing register
Register space: B
Address: 29h
Type: RW
Table 82. TX driver timing register
Bit
Name
Default
Function
Comments
7
d_rat_t3
0
Driver transient ratio target
(in number of non-overlap times
in one RF period)
The value presents the target ratio between one RF
period and whole non-overlap time (both sides L to
H and H to L).
The system starts with the slowest available
transient and measures the ratio. If this is lower
than targeted the system switches to faster
transient. The procedure is repeated until the target
ratio is reached (or exceeded for the first time).
There are five steps available, procedure can take
up to ten RF periods.
6
d_rat_t2
1
5
d_rat_t1
1
4
d_rat_t0
1
3
d_tim_man
1
0: Use automatically acquired
timing setting
1: Use manual timing setting
-
2
d_tim_m2
1
000: Slow
001: Medium slow
010: Nominal
011: Medium fast
1xx: Fast
Manual driver timing, used if d_tim_man is set to 1.
1d_tim_m1
0
0d_tim_m0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com